Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 94Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 95Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 96Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 97Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 98Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 99Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
98/159
DS13564 Rev 4
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 26 and
Table 58, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 24: General
operating conditions.
Table 57. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| = 2 mA for FT_c I/Os
= 8 mA for other I/Os
VDDIOx ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx - 0.4
-
VOL(3) Output low level voltage for an I/O pin
TTL port(2)
|IIO| = 2 mA for FT_c I/Os
= 8 mA for other I/Os
VDDIOx ≥ 2.7 V
-0.4
VOH(3) Output high level voltage for an I/O pin
2.4
-
VOL(3) Output low level voltage for an I/O pin
All I/Os except FT_c
|IIO| = 15 mA
VDDIOx ≥ 2.7 V
-1.3
VOH(3) Output high level voltage for an I/O pin
VDDIOx - 1.3
-
VOL(3) Output low level voltage for an I/O pin
|IIO| = 1 mA for FT_c I/Os
= 3 mA for other I/Os
VDDIOx ≥ 1.62 V
-0.4
VOH(3) Output high level voltage for an I/O pin
VDDIOx - 0.45
-
VOLFM+
(3)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with _f option)
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-0.4
|IIO| = 9 mA
VDDIOx ≥ 1.62 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 21:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.
Table 58. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
2
MHz
C=50 pF, 1.6 V ≤ VDDIOx ≤ 2.7 V
-
0.35
C=10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
3
C=10 pF, 1.6 V ≤ VDDIOx ≤ 2.7 V
-
0.45
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
100
ns
C=50 pF, 1.6 V ≤ VDDIOx ≤ 2.7 V
-
225
C=10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
75
C=10 pF, 1.6 V ≤ VDDIOx ≤ 2.7 V
-
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com