Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 62Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 63Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 64Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 65Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 66Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 67Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 68Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 69Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
66/159
DS13564 Rev 4
5.1.6
Power supply scheme
Figure 15. Power supply scheme
Caution:
Power supply pin pair (VDD/VDDA/VDDIO2 and VSS/VSSA) must be decoupled with
filtering ceramic capacitors as shown above. These capacitors must be placed as close as
possible to, or below, the appropriate pins on the underside of the PCB to ensure the good
functionality of the device.
MSv66839V2
VDD
Backup circuitry
(LSE, RTC and
backup registers)
Kernel logic
(CPU, digital and
memories)
IO
logic
IN
OUT
Regulator
GPIOs
1.55 V to 3.6 V
1 x 100 nF
+ 1 x 4.7 μF
VDD/VDDA
VBAT
VCORE
Power
switch
VDDIO1
ADC
DAC
COMPs
VREFBUF
VREF+
VREF-
VSS/VSSA
VREF
100 nF
1 μF
VSS
VSSA
VDDA
VDD
VREF+
IO
logic
IN
OUT
VDDIO2
VDDIO2
100 nF
+4.7 μF
VDDIO2
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com