Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 28Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 31Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 32Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 33Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 34Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 35Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
Functional overview
STM32G0C1xC/xE
32/159
DS13564 Rev 4
Features of the RTC:
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date,
month, year, in BCD (binary-coded decimal) format
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
Programmable alarm
On-the-fly correction from 1 to 32767 RTC clock pulses, usable for synchronization with
a master clock
Reference clock detection - a more precise second-source clock (50 or 60 Hz) can be
used to improve the calendar precision
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal
inaccuracy
Two anti-tamper detection pins with programmable filter
Timestamp feature to save a calendar snapshot, triggered by an event on the
timestamp pin or a tamper event, or by switching to VBAT mode
17-bit auto-reload wakeup timer (WUT) for periodic events, with programmable
resolution and period
Multiple clock sources and references:
A 32.768 kHz external crystal (LSE)
An external resonator or oscillator (LSE)
The internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
The high-speed external clock (HSE) divided by 32
When clocked by LSE, the RTC operates in VBAT mode and in all low-power modes. When
clocked by LSI, the RTC does not operate in VBAT mode, but it does in low-power modes
except for the Shutdown mode.
All RTC events (Alarm, WakeUp Timer, Timestamp or Tamper) can generate an interrupt
and wake the device up from the low-power modes.
The backup registers allow keeping 20 bytes of user application data in the event of VDD
failure, if a valid backup supply voltage is provided on VBAT pin. They are not affected by
the system reset, power reset, and upon the device’s wakeup from Standby or Shutdown
modes.
3.22
Inter-integrated circuit interface (I2C)
The device embeds three I2C peripherals. Refer to Table 8 for the features.
The I2C-bus interface handles communication between the microcontroller and the serial
I2C-bus. It controls all I2C-bus-specific sequencing, protocol, arbitration and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com