Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 27Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 28Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 31Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 32Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 33Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 159 page
background image
Functional overview
STM32G0C1xC/xE
30/159
DS13564 Rev 4
3.20.2
General-purpose timers (TIM2, 3, 4, 14, 15, 16, 17)
There are seven synchronizable general-purpose timers embedded in the device (refer to
Table 7 for comparison). Each general-purpose timer can be used to generate PWM outputs
or act as a simple timebase.
TIM2, TIM3, and TIM4
These are full-featured general-purpose timers:
TIM2 with 32-bit auto-reload up/downcounter and 16-bit prescaler
TIM3 and TIM4 with 16-bit auto-reload up/downcounter and 16-bit prescaler
They have four independent channels for input capture/output compare, PWM or one-
pulse mode output. They can operate in combination with other general-purpose timers
via the Timer Link feature for synchronization or event chaining. They can generate
independent DMA request and support quadrature encoders. Their counter can be
frozen in debug mode.
TIM14
This timer is based on a 16-bit auto-reload upcounter and a 16-bit prescaler. It has one
channel for input capture/output compare, PWM output or one-pulse mode output. Its
counter can be frozen in debug mode.
TIM15, TIM16, TIM17
These are general-purpose timers featuring:
16-bit auto-reload upcounter and 16-bit prescaler
2 channels and 1 complementary channel for TIM15
1 channel and 1 complementary channel for TIM16 and TIM17
All channels can be used for input capture/output compare, PWM or one-pulse mode
output. The timers can operate together via the Timer Link feature for synchronization
or event chaining. They can generate independent DMA request. Their counters can
be frozen in debug mode.
3.20.3
Basic timers (TIM6 and TIM7)
3.20.4
Low-power timers (LPTIM1 and LPTIM2)
These timers have an independent clock. When fed with LSE, LSI or external clock, they
keep running in Stop mode and they can wake up the system from it.
These timers are mainly used for triggering DAC conversions. They can also be used as
generic 16-bit timebases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com