Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 20Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 21Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 22Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 23Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 24Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 25Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 27Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 159 page
background image
Functional overview
STM32G0C1xC/xE
24/159
DS13564 Rev 4
3.13
Interrupts and events
The device flexibly manages events causing interrupts of linear program execution, called
exceptions. The Cortex-M0+ processor core, a nested vectored interrupt controller (NVIC)
and an extended interrupt/event controller (EXTI) are the assets contributing to handling the
exceptions. Exceptions include core-internal events such as, for example, a division by zero
and, core-external events such as logical level changes on physical lines. Exceptions result
in interrupting the program flow, executing an interrupt service routine (ISR) then resuming
the original program flow.
The processor context (contents of program pointer and status registers) is stacked upon
program interrupt and unstacked upon program resume, by hardware. This avoids context
stacking and unstacking in the interrupt service routines (ISRs) by software, thus saving
time, code and power. The ability to abandon and restart load-multiple and store-multiple
operations significantly increases the device’s responsiveness in processing exceptions.
3.13.1
Nested vectored interrupt controller (NVIC)
The configurable nested vectored interrupt controller is tightly coupled with the core. It
handles physical line events associated with a non-maskable interrupt (NMI) and maskable
interrupts, and Cortex-M0+ exceptions. It provides flexible priority management.
The tight coupling of the processor core with NVIC significantly reduces the latency between
interrupt events and start of corresponding interrupt service routines (ISRs). The ISR
vectors are listed in a vector table, stored in the NVIC at a base address. The vector
address of an ISR to execute is hardware-built from the vector table base address and the
ISR order number used as offset.
If a higher-priority interrupt event happens while a lower-priority interrupt event occurring
just before is waiting for being served, the later-arriving higher-priority interrupt event is
served first. Another optimization is called tail-chaining. Upon a return from a higher-priority
ISR then start of a pending lower-priority ISR, the unnecessary processor context
unstacking and stacking is skipped. This reduces latency and contributes to power
efficiency.
Features of the NVIC:
Low-latency interrupt processing
4 priority levels
Handling of a non-maskable interrupt (NMI)
Handling of 32 maskable interrupt lines
Handling of 10 Cortex-M0+ exceptions
Later-arriving higher-priority interrupt processed first
Tail-chaining
Interrupt vector retrieval by hardware
3.13.2
Extended interrupt/event controller (EXTI)
The extended interrupt/event controller adds flexibility in handling physical line events and
allows identifying wake-up events at processor wakeup from Stop mode.
The EXTI controller has a number of channels, of which some with rising, falling or rising,
and falling edge detector capability. Any GPIO and a few peripheral signals can be
connected to these channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com