Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 19Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 20Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 21Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 22Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 23Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 24Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 25Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
DS13564 Rev 4
23/159
STM32G0C1xC/xE
Functional overview
36
3.10
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function (AF). Most of
the GPIO pins are shared with special digital or analog functions.
Through a specific sequence, this special function configuration of I/Os can be locked, such
as to avoid spurious writing to I/O control registers.
3.11
Direct memory access controller (DMA)
The direct memory access (DMA) controller is a bus master and system peripheral with
single-AHB architecture.
With 12 channels, it performs data transfers between memory-mapped peripherals and/or
memories, to offload the CPU.
Each channel is dedicated to managing memory access requests from one or more
peripherals. The unit includes an arbiter for handling the priority between DMA requests.
Main features of the DMA controller:
Single-AHB master
Peripheral-to-memory, memory-to-peripheral, memory-to-memory and peripheral-to-
peripheral data transfers
Access, as source and destination, to on-chip memory-mapped devices such as Flash
memory, SRAM, and AHB and APB peripherals
All DMA channels independently configurable:
Each channel is associated either with a DMA request signal coming from a
peripheral, or with a software trigger in memory-to-memory transfers. This
configuration is done by software.
Priority between the requests is programmable by software (four levels per
channel: very high, high, medium, low) and by hardware in case of equality (such
as request to channel 1 has priority over request to channel 2).
Transfer size of source and destination are independent (byte, half-word, word),
emulating packing and unpacking. Source and destination addresses must be
aligned on the data size.
Support of transfers from/to peripherals to/from memory with circular buffer
management
Programmable number of data to be transferred: 0 to 216 - 1
Generation of an interrupt request per channel. Each interrupt request originates from
any of the three DMA events: transfer complete, half transfer, or transfer error.
3.12
DMA request multiplexer (DMAMUX)
The DMAMUX request multiplexer enables routing a DMA request line between the
peripherals and the DMA controller. Each channel selects a unique DMA request line,
unconditionally or synchronously with events from its DMAMUX synchronization inputs.
DMAMUX may also be used as a DMA request generator from programmable events on its
input trigger signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com