Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 77Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 78Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 79Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 80Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 81Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 82Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 83Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 84Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
DS13564 Rev 4
81/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 37 are the latency between the event and the execution of
the first user instruction.
Table 37. Low-power mode wakeup times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from
Sleep to Run
mode
-11
11
CPU
cycles
tWULPSLEEP
Wakeup time from
Low-power sleep
mode
Transiting to Low-power-run-mode execution in Flash
memory not powered in Low-power sleep mode;
HCLK = HSI16 / 8 = 2 MHz
11
14
tWUSTOP0
Wakeup time from
Stop 0
Transiting to Run-mode execution in Flash memory not
powered in Stop 0 mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1 or Range 2
5.6
6
µs
Transiting to Run-mode execution in SRAM or in Flash
memory powered in Stop 0 mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1 or Range 2
22.4
tWUSTOP1
Wakeup time from
Stop 1
Transiting to Run-mode execution in Flash memory not
powered in Stop 1 mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1 or Range 2
9.0
11.2
µs
Transiting to Run-mode execution in SRAM or in Flash
memory powered in Stop 1 mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1 or Range 2
57.5
Transiting to Low-power-run-mode execution in Flash
memory not powered in Stop 1 mode;
HCLK = HSI16/8 = 2 MHz;
Regulator in low-power mode (LPR = 1 in PWR_CR1)
22
25.3
Transiting to Low-power-run-mode execution in SRAM or
in Flash memory powered in Stop 1 mode;
HCLK = HSI16 / 8 = 2 MHz;
Regulator in low-power mode (LPR = 1 in PWR_CR1)
18
23.5
tWUSTBY
Wakeup time from
Standby mode
Transiting to Run mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1
14.5
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com