Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 24Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 25Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 26Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 27Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Table 17. Aurora LVDS driver electrical characteristics (continued)
Symbol
Parameter1
Value
Unit
Min
Typ
Max
RV_L
Terminating Resistance (external)
99
100
101
Ohms
CP
Parasitic Capacitance (pad + bondwire + pin)
1
pF
LP
Parasitic Inductance
7
nH
STARTUP
TSTRT_BIAS
Bias startup time
—
—
5
µs
TSTRT_TX
Transmitter startup time2
—
—
5
µs
TSTRT_RX
Receiver startup time2
—
—
5
µs
LVDS_RXOUT3
Receiver o/p duty cycle
30
70
%
1. Conditions for these values are VDD_LV_IO_AURORA = 1.19V to 1.32V, TJ = –40 / 150 °C
2. Startup time is defined as the time taken by LVDS current reference block for settling bias current after its pwr_down
(power down) has been deasserted. LVDS functionality is guaranteed only after the startup time.
3. Receiver o/p duty cycle is measured with 1.25 Gbps, 50% duty cycle, max 1 ns rise/fall time, 100 mV voltage swing signal
applied at the receiver input.
5.4 Reset pad electrical characteristics
The device implements a dedicated bidirectional RESET_B pin.
VIL
VDD_HV_IOx
device reset forced by RESET_B
VDDMIN
RESET_B
VIH
device start-up phase
Figure 4. Start-up reset requirements
I/O Parameters
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
24
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com