Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 49Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 50Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 51Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 52Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
9.2.4 Receiver asymmetry
Table 40. Receiver asymmetry
Name
Description
Min
Max
Unit
dCCRxAsymAccept15
Acceptance of asymmetry at receiving CC with 15 pF load (*)
–31.5
+44.0
ns
dCCRxAsymAccept25
Acceptance of asymmetry at receiving CC with 25 pF load (*)
–30.5
+43.0
ns
9.3 LVDS Fast Asynchronous Transmission (LFAST) electrical
characteristics
The following table provides output driver characteristics for LFAST I/Os.
Table 41. LFAST output buffer electrical characteristics
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
|
ΔVO_L|
Absolute value for differential output
voltage swing (terminated)
—
100
200
285
mV
VICOM_L
Common mode voltage
—
1.08
1.2
1.32
V
Ttr_L
Transition time output pin LVDS
configuration
—
0.2
—
1.5
ns
1. VDD_HV_IOx = 3.3 V (–5%, +10%), TJ = –40 / 150 °C, unless otherwise specified.
NOTE
Fast IOs must be specified only as fast (and not as high
current). See GPIO DC electrical specification.
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com