Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 5 Page - NXP Semiconductors

  FS32R274VBK2MMM Datasheet HTML 1Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 2Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 3Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 4Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 5Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 6Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 7Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Table 1. S32R274 and S32R264 Family Comparison (continued)
Feature
S32R274K
S32R274J
S32R264K
S32R264J
MPC5775K
SPI
2x
4x
I2C
2x
3x
Zipwire
1x LFAST+SIPI, 320 MHz
FlexRay
1x dual channel
Ethernet
10/100 and >100 Mbps, RMII/MII/RGMII I/F, AVB support
10/100 Mbps,
RMII/MII I/F, AVB
support
FlexPWM
1x, 12 PWM channels
2x, 12 PWM
channels each
eTimer
2x, 6 channels each
3x, 6 channels
each
External ADC
interface
1x 4 lanes MIPICSI2 Rx, 1 Gbps/lane
1x PDI (16-bit data,
clock, sync)
IRCOSC
16 MHz
XOSC
40 MHz
FMPLL
dual system PLL, 1x FM modulated
DAC
1x 12-bit 10 MSps
–1
–1
1x 12-bit 2 MSps
SIUL2
1x
BAM
1x
INTC
1x
SSCM
1x
FCCU/FOSU
1x
MEMU
1x
STCU2
1x
CSE
1x
-
PASS/TDM
1x
-
MC_ME
1x
MC_CGM
1x
MC_RGM
1x
TSENS
2x
Debug
JTAGC, JTAGM, CJTAG, with class3+ Nexus, Aurora only
Safety level
ISO26262 SEooC ASIL-B to ASIL-D
Temp. range (Tj)
-40 to 150˚C
1. DAC is not supported in S32R264x devices. Hence, ignore its occurrences in this document for S32R264K and S32R264J.
1.2 Feature list
On-chip modules available within the device include the following features:
• Safety core: Power Architecture® e200Z4 32-bit CPU with checker core
Introduction
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com