Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 74Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 75Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 76Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
17.1 Reset sequence duration
Table 57 specifies the minimum and the maximum reset sequence duration for the five
different reset sequences described in Reset sequence description.
Table 57. RESET sequences
No.
Symbol
Parameter
TReset
Unit
Min
Typ
Max1
1
TDRB
Destructive Reset Sequence, BIST enabled
15
502
ms
2
TDR
Destructive Reset Sequence, BIST disabled
400
2000
µs
3
TERLB
External Reset Sequence Long, BIST enabled
15
50
ms
4
TFRL
Functional Reset Sequence Long, BIST disabled
400
2000
µs
5
TFRS
Functional Reset Sequence Short3
1
500
µs
1. The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of RESET
by an external reset generator.
2. Max time is based on STCU BIST configuration execution time + max RESET time (TDR). For default STCU BIST
configuration execution time, refer to EB834. Contact your NXP sales representative for details.
3. BIST is not executed on short functional reset
17.2 Reset sequence description
The figures in this section show the internal states of the device during the five different
reset sequences. The doted lines in the figures indicate the starting point and the end point
for which the duration is specified in Table 57.
With the beginning of DRUN mode, the first instruction is fetched and executed. At this
point, application execution starts and the internal reset sequence is finished.
The SMPS self test is always triggered during Phase3 after a destructive reset so that
duration is included into Phase3 below.
In external regulation mode, the VREG_POR_B pin should be de-asserted only when all
the design supplies are in operating range. Deassertion of VREG_POR_B pin triggers the
start of reset sequence in internal as well as external regulation modes.
The following figures show the internal states of the device during the execution of the
reset sequence and the possible states of the RESET_B signal pin.
NOTE
RESET_B is a bidirectional pin. The voltage level on this pin
can either be driven low by an external reset generator or by the
device internal reset circuitry. A high level on this pin can only
Reset sequence
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com