Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
4.2 Operating conditions
The following table describes the operating conditions for the device, and for which all
specifications in the datasheet are valid, except where explicitly noted. The device
operating conditions must not be exceeded, or the functionality of the device is not
guaranteed.
Table 7. Device operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max1
Unit
VDD_HV_PMU
3.3V PMU Supply Voltage
—
3.132
3.3
3.6
V
VDD_HV_REG3V8
REG3V8 Supply Voltage
—
3.13
3.8
5.5
V
VDD
Core Supply Voltage
—
1.192
1.25
1.313
V
VDD_HV_IO*
Main GPIO 3V Supply
Voltage, LFAST IO Supply,
RGMII IO Supply, PWM IO
Supply Voltage
—
3.132
3.3
3.6
V
VDD_LV_IO_*4
Aurora Supply Voltage
—
1.19
1.25
1.31
V
VDD_LV_PLL0
System PLL Supply Voltage
—
1.192
—
1.31
V
VDD_LV_LFASTPLL
LFAST PLL Supply Voltage
—
1.19
—
1.31
V
VDD_HV_FLA5
Flash Supply Voltage
—
3.132
3.3
3.6
V
VDD_HV_ADC
SAR ADC Supply Voltage
(HVD supervised)
—
3.132
3.3
3.66
V
VDD_HV_RAW
3.3V AFE RAW Supply
Voltage
—
3.13
3.3
3.6
V
VDD_HV_DAC
3.3V AFE DAC Supply
Voltage
—
3.13
3.3
3.6
V
VDD_HV_ADCREF0/1 ADC_0 and ADC_1 high
reference voltage
—
3.13
3.3
3.6
V
VIN
Voltage on digital pin with
respect to ground (VSS_HV_IOx)
—
—
—
VDD_HV_IOx
+0.3
V
VINSDPP
Sigma-Delta ADC Input
Voltage (peak-peak)7, 8
Differential
—
—
1.2
V
VINSR
Sigma-Delta ADC Input Slew
Rate7
—
—
—
165
V/μs
RTRIM_TOL
External Trim Resistor
tolerance
±0.1%
40.16
40.2
40.25
kΩ
RTRIM_TEMPCO
External Trim Resistor
Temperature Coefficient
—
—
—
25
ppm/°C
VINA9
Voltage on SAR ADC analog
pin with respect to ground
(VSS_HV_ADCREFx)
—
—
—
VDD_HV_ADCRE
Fx
V
VDD_LV_DPHY
MIPICSI2 DPHY voltage
supply10
1.19
1.25
1.31
V
TA, 11
Ambient temperature at full
performance 12
—
–40
—
125
°C
Table continues on the next page...
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com