Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 25Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 26Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 27Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 28Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 29Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 30Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 31Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Table 24. LFAST PLL electrical characteristics
(continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Long term, fRF_REF = 10
MHz
–500
—
500
ΔPEREYE
Output Eye Jitter (peak to peak)3
Random Jitter (Rj)
—
84
101
ps
Deterministic Jitter (Dj)
—
80
96
ps
Total Jitter @BER 10-9
—
1.09
1.31
bits
per
second
IVDD_LV_LFASTPLL
VDD_LV_LFASTPLL Supply Current
Normal Mode
—
6
10
mA
Peak
—
7
11
mA
Power Down
—
0.5
27
μA
1. The 640 MHz frequency is achieved with a 10 MHz or 20 MHz reference clock. With a 26 MHz reference, the VCO
frequency is 624 MHz.
2. The time from the PLL enable bit register write to the start of phase locks is maximum 2 clock cycles of the peripheral
bridge clock that is connected to the PLL on the device.
3. Measured at the transmitter output across a 100 Ω termination resistor on a device evaluation board.
Analog modules
7.1 ADC electrical characteristics
The device provides a 12-bit Successive Approximation Register (SAR) Analog-to-
Digital Converter.
7
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com