Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Table 6. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_LV_PLL0
System PLL supply voltage
—
–0.3
1.5
V
VDD_LV_LFASTPLL
LFAST PLL supply voltage
—
–0.3
1.5
V
VDD_HV_ADCREF0/1 ADC_0 and ADC_1 high reference voltage
—
–0.3
5.5
V
VSS_HV_ADCREF0/1 ADC_0 and ADC_1 ground and low reference
voltage
—
–0.1
0.1
V
VDD_HV_ADC
3.3 V ADC supply voltage
—
–0.3
4.0 1, 2
V
VSS_HV_ADC
3.3 V ADC supply ground
—
–0.1
0.1
V
TVDD
Supply ramp rate6
—
0.00005
0.1
V/μs
VIN_XOSC
Voltage on XOSC pins with respect to ground
—
-0.3
1.47
V
VINA
Voltage on SAR ADC analog pin with respect to
ground (VSS_HV_ADCREFx)
—
–0.3
6.0
V
VINA_SD
Voltage on Sigma-Delta ADC analog pin with
respect to ground7
Powered up 8
-0.3
VDD_HV_RAW +
0.3
V
Powered down
9
-0.3
1.47
VIN
Voltage on any digital pin with respect to
ground (VSS_HV_IOx)
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx + 0.3
10
V
VDD_LV_DPHY
MIPICSI2 DPHY voltage supply3, 4, 5
—
–0.3
1.5
V
VSS_LV_DPHY
MIPICSI2 DPHY supply ground3, 4, 5
—
–0.3
0.3
V
IINJPAD
Injected input current on any pin during
overload condition11
—
–10
1012
mA
IINJSUM
Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
TSTG
Storage temperature
—
–55
150
°C
1. 5.3 V for 10 hours cumulative over lifetime of device; 3.3 V +10% for time remaining.
2. Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
3. 1.45 V to 1.5 V allowed for 60 seconds cumulative time at maximum TJ = 150°C; remaining time as defined in note 5 and
note 6.
4. 1.375 V to 1.45 V allowed for 10 hours cumulative time at maximum TJ = 150°C; remaining time as defined in note 6.
5. 1.32 V to 1.375 V range allowed periodically for supply with sinusoidal shape and average supply value below 1.275 V at
maximum TJ=150°C.
6. TVDD is relevant for all external supplies.
7. ADC inputs include an overvoltage detect function that detects any voltage higher than 1.2 V with respect to ground on
either ADC input and open circuit (disconnect) the input in order to prevent damage to the ADC internal circuitry. The ADC
input remains disconnected until the inputs return to the normal operating range.
8. SDADC is powered up and overvoltage protection is ON.
9. SDADC is powered up and overvoltage protection is OFF.
10. Only when VDD_HV_IOx < 3.63 V.
11. No input current injection circuitry on AFE pins.
12. The maximum value of 10 mA applies to pulse injection only. DC current injection is limited to a maximum of 5 mA.
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
12
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com