Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 29Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 30Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 31Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 33Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 35Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
7.2 Sigma Delta ADC electrical characteristics
Figure 9. ADC input equivalent circuit
Table 26. Sigma Delta ADC Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SPSSDA
Sample Rate
After Decimation Filtering
—
10
10
MS/S
LSDA
Latency
@ 10 MS/s, full step input to 50% output.
Decimation filter delay not included
—
—
0.1
µs
RTSDA
Recovery Time
After overload condition
—
—
0.5
µs
SNRSDA_MM_ON, 1 Signal-to-Noise Ratio
Mismatch Shaper on
Input Frequency Range and integration
bandwidth are from 20 KHz to 5 MHz (using
full-bandwidth decimation filter coefficients).
Production test frequencies 449 KHz and 4
MHz. Production test amplitude is -6 dBFS =
0.6 Vpp.
63
67
—
dBFS
Table continues on the next page...
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com