Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 39Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 40Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
Table 34. RMII signal switching specifications
(continued)
Num
Description
Min.
Max.
Unit
RMII8
RMII_CLK to TXD[1:0], TXEN valid
—
15
ns
RMII7
RMII8
Valid data
Valid data
RMII2
RMII1
RMII_CLK (input)
TXD[n:0]
TXER
Figure 12. RMII transmit signal timing diagram
RMII2
RMII1
RMII4
RMII3
Valid data
Valid data
Valid data
RMII_CLK (input)
RXD[n:0]
CRS_DV
RXER
Figure 13. RMII receive signal timing diagram
9.1.3 RGMII signal switching specifications
The RGMII interface works at 3.3 V compatible levels as mentioned in RGMII pad DC
electrical characteristics.
The following timing specs meet the requirements for RGMII style interfaces for a range
of transceiver devices.
• Measurements are with input transition of 0.750 ns and output load of 10 pF.
Table 35. RGMII signal switching specifications
Symbol
Description
Min
Typ
Max
Unit
Notes
—
Input Duty cycle (Clock from external PHY)
48
—
52
%
Tcyc
Clock cycle duration
7.2
8.0
8.8
ns
1
TskewT
Data to clock output skew at transmitter
-500
0
500
ps
2
TskewR
Data to clock input skew at receiver
1
1.8
2.6
ns
2
Table continues on the next page...
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com