Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 60Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
12 External interrupt timing (IRQ pin)
Table 49. External interrupt timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1
tIPWL
IRQ pulse width low
—
3
—
tCYC
2
tIPWH
IRQ pulse width high
—
3
—
tCYC
3
tICYC
IRQ edge to edge time1
—
6
—
tCYC
1. Applies when IRQ pins are configured for rising edge or falling edge events, but not both
NOTE
tCYC is equivalent to TCK (prescaled filter clock period)
which is the IRC clock prescaled to the Interrupt Filter Clock
Prescaler (IFCP) value. TCK = T(IRC) x (IFCP + 1) where
T(IRC) is the internal oscillator period. Refer SIUL2 chapter of
the device reference manual for details.
IRQ
1
2
3
Figure 37. External interrupt timing
13 Temperature sensor electrical characteristics
The following table describes the temperature sensor electrical characteristics.
Table 50. Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
—
Temperature monitoring range
-40
—
150
°C
TSENS
Sensitivity
—
5.18
—
mV/°C
TACC
Accuracy
TJ = -40 to 150°C
5
—
5
°C
External interrupt timing (IRQ pin)
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
64
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com