Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 54 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 50Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 51Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 52Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 53Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 54Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 55Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 56Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 57Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
Table 43. SPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
Master (MTFE = 1, CPHA = 0)9
-2 + N x SPI
IPG clock
period 10
—
Master (MTFE = 1, CPHA = 1)
–2
—
11
tSUO
Data valid (after SCK edge)
Master (MTFE = 0)
—
7 11
ns
Slave
—
23
Master (MTFE = 1, CPHA = 0)12
—
7 + SPI IPG
Clock Period
Master (MTFE = 1, CPHA = 1)
—
7
12
tHO
Data hold time for outputs
Master (MTFE = 0)
–4 11
—
ns
Slave
3.8
—
Master (MTFE = 1, CPHA = 0) 12
-4 + SPI IPG
Clock Period
—
Master (MTFE = 1, CPHA = 1)
–4
—
1. Slave Receive Only mode can operate at a maximum frequency of 60 MHz. In this mode, the SPI can receive data on SIN,
but no valid data is transmitted on SOUT.
2. For SPI_CTARn[PCSSCK] - 'PCS to SCK Delay Prescaler' configuration is '3' (01h) and SPI_CTARn[CSSCK] - 'PCS to
SCK Delay Scaler' configuration is '2' (0000h).
3. For SPI_CTARn[PASC] - 'After SCK Delay Prescaler' configuration is '3' (01h) and SPI_CTARn[ASC] - 'After SCK Delay
Scaler' configuration is '2' (0000h).
4. The numbers are valid when SPI is configured for 50/50. Refer the Reference manual for the mapping of the duty cycle to
each configuration. A change in duty cycle changes the parameter here. For example, a configuration providing duty cycle
of 33/66 at SPI translates to min tSCK/3 - 1.5 ns and max tSCK/3 + 1.5 ns.
5. The slave mode parameters (tSUI, tHI, tSUO and tHO) assume 50% duty cycle on SCK input. Any change in SCK duty cycle
input must be taken care during the board design or by the master timing.
6. The slave receive only mode parameters (tSUI and tHI) assume 50% duty cycle on SCK input. Any change in SCK duty
cycle input must be taken care during the board design or by the master timing. However, there is additional restriction in
the slave receive only mode that the duty cycle at the slave input should not go below tsdc(min) corresponding to the
tsdc(min) for the slave receive mode.
7. In the master mode, this is governed by tPCSSCK. Refer the SPI chapter in the Reference Manual for details. The minimum
spec is valid only for SPI_CTARn[PCSSCK]= '0b01' (PCS to SCK delay prescalar of 3) or higher.
8. In the master mode, this is governed by tPASC. Refer the SPI chapter in the Reference Manual for details. The minimum
spec is valid only for SPI_CTARn[PASC]= '0b01' (after SCK delay prescalar of 3) or higher.
9. For SPI_CTARn[BR] - 'Baud Rate Scaler' configuration is >= 4.
10. N = Configured sampling point value in MTFE=1 Mode.
11. Same value is applicable for PCS timing in continuous SCK mode.
12. SPI_MCR[SMPL_PT] should be set to 1.
NOTE
For numbers shown in the following figures, see Table 43.
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
54
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com