Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 24Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 25Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 26Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 27Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 28Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 29Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Peripheral operating requirements and behaviours
Clocks and PLL Specifications
6.1.1 40 MHz Oscillator (XOSC) electrical characteristics
The device provides an oscillator/resonator driver.
NOTE
XTAL/EXTAL must not be directly used to drive external
circuits.
Table 19. XOSC electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
XOSCfout
Oscillator frequency
40
MHz
tstab
Oscillator start-up time
2
ms
tjitcc
Cycle to cycle jitter (peak –
peak)
2.51
ps
Output Duty Cycle
45
50
55
%
Cin
Input Capacitance 2
Extal and Xtal each
3.0
4.0
5.0
pF
RinLVDS
LVDS bypass mode input
termination3
Between Extal and Xtal
75
100
125
ohm
VCMLVDS
LVDS Common Mode
Voltage
Vdda/2
0.60
0.70
0.80
V
1. The number is 3.5 ps when SD-ADC and/or DAC is not used in the device.
2. When using a 40 MHz crystal, the recommended load capacitance is 8 pF. Need quiet ground connection on the board
and external crystal/load capacitor placement as close to the Extal and Xtal pins as possible to allow good jitter
performance.
3. The termination resistance is only active when the AFE is powered (VDD_HV_RAW, VDD_HV_DAC and the AFE
regulators are powered up) and the XOSC is powered down (default case once device is out of reset) or the XOSC is
configured in differential bypass mode.
6.1.2 FMPLL electrical characteristics
6
6.1
Peripheral operating requirements and behaviours
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com