Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 24Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 25Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 26Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 27Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 28Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
VRESET_B
VIL
VIH
VDD_HV_IO
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset
Figure 5. Noise filtering on reset signal
Table 18. RESET_B electrical characteristics
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VIH
Input high level TTL (Schmitt Trigger)
—
2.0
—
VDD_HV_IOx +
0.4
V
VIL
Input low level TTL (Schmitt Trigger)
—
–0.4
—
0.56
V
VHYS2
Input hysteresis TTL (Schmitt Trigger) —
300
—
—
mV
IOL_R
Strong pull-down current
Device under power-on reset
VDD_HV_IO = 1.2 V
VOL = 0.35 x VDD_HV_IO
0.2
—
—
mA
Device under power-on reset
VDD_HV_IO=3.0 V
VOL = 0.35 x VDD_HV_IO
15
—
—
mA
WFRST
RESET_B input filtered pulse
—
—
—
500
ns
WNFRST
RESET_B input not filtered pulse
—
2400 —
—
ns
|IWPD|
Weak pull-down current absolute value VIN = VDD_HV_IOx
30
—
100
µA
1. VDD_HV_IOx = 3.3 V -5%,+10%, TJ = –40 / 150°C, unless otherwise specified.
2. Data based on characterization results, not tested in production.
I/O Parameters
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com