Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 77 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 74Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 75Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 76Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 77Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 78Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Table 58. Revision History (continued)
Revision
Date
Description
• In Table 4, added the row for 266MHz frequency performance.
• In Table 8, added the Conditions and Max value in IDD_CORE for 266 MHz frequency.
• Added note "S32R264 devices support AFE PLL while S32R274 devices support SDPLL",
in Block diagram.
• In Operating conditions, changed the footnote from "Full performance means Core0
running @ 120 MHz, Core1/2 running @ 240 MHz, SPT running @ 200 MHz, rich set of
peripherals used" to "Full performance means full frequency".
Rev 6
May 24,
2021
• In Table 26, removed the IMDSDA_MM_OFF, SNDRSDA_MM_OFF and SNRSDA_MM_OFF
symbols.
Revision History
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com