Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 74Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
The junction to ambient thermal resistance is an industry standard parameter that
provides a quick and easy estimation of thermal performance. However, junction to board
thermal resistance is more appropriate for tight enclosure spaces where board temperature
should be used as reference temperature. Using 2s2p board with natural convection
conditions, junction temperature is found to be less than 150°C . There are two
parameters in common usage: the value determined on a single layer board and the value
obtained on a board with two inner planes. For packages such as PBGA, these values can
significantly differ. For customer board design with different number of layers and
copper percentage content, these values must be appropriately interpolated in order to
evaluate junction temperature. In general, the value obtained on a single layer board is
appropriate for the tightly packed printed circuit board. The value obtained on the board
with the internal planes is usually appropriate if the board has low power dissipation and
the components are well separated.
When a heat sink is used, the thermal resistance is expressed in the following equation as
the sum of a junction-to-case thermal resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
• RθJA = junction to ambient thermal resistance (°C/W)
• RθJC = junction to case thermal resistance (°C/W)
• RθCA = case to ambient thermal resistance (°C/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal
environment to change the case to ambient thermal resistance, RθCA. For instance, the
user can change the size of the heat sink, the air flow around the device, the interface
material, the mounting arrangement on printed circuit board, or change the thermal
dissipation on the printed circuit board surrounding the device.
To determine the junction temperature of the device in the application when heat sinks
are not used, the Thermal Characterization Parameter (
ΨJT) can be used to determine the
junction temperature with a measurement of the temperature at the top center of the
package case using this equation:
TJ = TT + (ΨJT × PD)
where:
• TT = thermocouple temperature on top of the package (°C)
•
ΨJT = thermal characterization parameter (°C/W)
• PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a
40 gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the
Thermal Specifications
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com