Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VBK2MMM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 4Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 5Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 6Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 7Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
• Three System Timer Module (STM)
• Three Software Watchdog Timers (SWT)
• Two eTimer modules with 6 channels each
• One FlexPWM module for 12 PWM signals
• Communication Interfaces
• Two Serial Peripheral interface (SPI) module
• Two inter-IC communication interface (I2C) modules
• One LINFlexD module
• One dual-channel FlexRay module with 128 message buffers
• Three FlexCAN modules with configurable buffers
• CAN FD optionally supported on 2 FlexCAN modules
• One ENET MAC supporting MII/RMII/RGMII interface
• Supports 10/100 Mbps (MII/RMII/RGMII) and >100 Mbps (RGMII)
• Supports IEEE1588 timestamps and PTP
• Zipwire high-speed serial communication
• Supports LFAST and SIPI protocol
• Fast interprocessor communication with 320 Mbps gross data rate
• DMA based access to memory resources
• Debug Functionality
• 4-pin JTAG interface and Nexus/Aurora interface for serial high-speed tracing
• e200Z7 core and e200Z4 core: Nexus development interface (NDI) per IEEE-
ISTO 5001-2012 Class 3+
• All platform bus masters except CSE can be monitored via Nexus/Aurora
• Device/board boundary Scan testing supported with per Joint Test Action Group
(JTAG) (IEEE 1149.1) and 1149.7 (cJTAG)
• On-chip control for Nexus development interface by JTAGM module
• Two analog-to-digital converters (SAR ADC)
• Each ADC supports up to 16 input channels
• Cross Trigger Unit to enable synchronization of ADC conversions with eTimer
• On-chip voltage DC/DC regulator for core clock (VREG)
• Two Temperature Sensors (TSENS)
S32R264 feature changes with respect to S32R274 are as follows:
• SD-ADC’s removed
• DAC removed
• SDPLL replaced with AFEPLL
• Improved radiated emissions in the GLONASS band. Full EMC reports are available
from NXP on request for both S32R264, and S32R274 to allow the customer to
select the most suitable part for their usecase.
Introduction
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com