Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 56 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 52Page - STMicroelectronics SN250Q Datasheet HTML 53Page - STMicroelectronics SN250Q Datasheet HTML 54Page - STMicroelectronics SN250Q Datasheet HTML 55Page - STMicroelectronics SN250Q Datasheet HTML 56Page - STMicroelectronics SN250Q Datasheet HTML 57Page - STMicroelectronics SN250Q Datasheet HTML 58Page - STMicroelectronics SN250Q Datasheet HTML 59Page - STMicroelectronics SN250Q Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
Functional description—application modules
SN250
56/130
SC1_UARTSTAT [0x44A4]
SC1_RATELIN [0x44B0]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
SC1_
UARTTXIDLE
SC1_
UARTPARERR
SC1_
UARTFRMERR
SC1_
UARTRXOVF
SC1_
UARTTXFREE
SC1_
UARTRXVAL
SC1_
UARTCTS
0-R
7
1-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC1_UARTTXIDLE
[6]
This bit is set when the transmit FIFO is empty and the transmitter is idle.
SC1_UARTPARERR
[5]
This bit is set when the receive FIFO has seen a parity error. This bit clears when the
data register (SC1_DATA) is read.
SC1_UARTFRMERR
[4]
This bit is set when the receive FIFO has seen a frame error. This bit clears when
the data register (SC1_DATA) is read.
SC1_UARTRXOVF
[3]
This bit is set when the receive FIFO has been overrun. This bit clears when the data
register (SC1_DATA) is read.
SC1_UARTTXFREE
[2]
This bit is set when the transmit FIFO is ready to accept at least one byte.
SC1_UARTRXVAL
[1]
This bit is set when the receive FIFO contains at least one byte.
SC1_UARTCTS
[0]
This bit shows the current state of the nCTS input signal at the nCTS pin (pin 19,
GPIO11). When CTS = 1, the signal is asserted (== TTL logic 0, GPIO is low, ’XON’,
RS232 positive voltage), the transmission will proceed. When CTS = 0, the signal is
deasserted (== TTL logic 1, GPIO is high, ’XOFF’, RS232 negative voltage),
transmission is inhibited at the end of the current character. Any characters in the
transmit buffer will remain there.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
SC1_RATELIN
0-R
7
0-R
6
0-R
5
0-R
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
SC1_RATELIN
[3:0]
The linear component (LIN) of the clock rate as seen in the equation:
Rate
24 MHz
2LIN
1
+
() 2
EXP
⋅⋅
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com