Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 50 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 46Page - STMicroelectronics SN250Q Datasheet HTML 47Page - STMicroelectronics SN250Q Datasheet HTML 48Page - STMicroelectronics SN250Q Datasheet HTML 49Page - STMicroelectronics SN250Q Datasheet HTML 50Page - STMicroelectronics SN250Q Datasheet HTML 51Page - STMicroelectronics SN250Q Datasheet HTML 52Page - STMicroelectronics SN250Q Datasheet HTML 53Page - STMicroelectronics SN250Q Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 130 page
background image
Functional description—application modules
SN250
50/130
7.2.3
I2C master mode
The SC1 I2C controller is only available in master mode. The SC1 I2C controller is enabled
with SC1_MODE set to 3. The I2C Master controller supports Standard (100 Kbps) and Fast
(400 Kbps) I2C modes. Address arbitration is not implemented, so multiple master
applications are not supported. The I2C signals are pure open-collector signals, and
external pull-up resistors are required.
The SC1 I2C mode has the following features:
●
Programmable clock frequency (400kHz max.)
●
Supports both 7-bit and 10-bit addressing
The following signals can be made available on the GPIO pins:
●
MSDA (serial data)
●
MSCL (serial clock)
The I2C Master controller obtains its reference clock from a programmable clock generator.
Clock rates are set by a clock division ratio from the 24MHz clock:
EXP is written to the SC1_RATEEXP register and LIN to the SC1_RATELIN register.
Table 22 shows the rate settings for Standard I2C (100 Kbps) and Fast I2C (400 Kbps)
operation.
Note that at 400 Kbps, the I2C specification requires the minimum low period of SCL to be
1.3µs. To be strictly I2C compliant, the rate needs to be lowered to 375 Kbps.
The I2C Master controller supports generation of various frame segments controlled with the
register bits SC_I2CSTART, SC_I2CSTOP, SC_I2CSEND, and SC_I2CRECV in the
SC1_I2CCTRL1
registers. Table 23 summarizes these frames.
Table 22.
I2C nominal rate programming
Nominal Rate
SC1_RATELIN
SC1_RATEEXP
100 Kbps
14
3
375 Kbps
15
1
400 Kbps
14
1
Nominal Rate
24MHz
2LIN
1
+
() 2
EXP
⋅⋅
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com