Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 70 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 66Page - STMicroelectronics SN250Q Datasheet HTML 67Page - STMicroelectronics SN250Q Datasheet HTML 68Page - STMicroelectronics SN250Q Datasheet HTML 69Page - STMicroelectronics SN250Q Datasheet HTML 70Page - STMicroelectronics SN250Q Datasheet HTML 71Page - STMicroelectronics SN250Q Datasheet HTML 72Page - STMicroelectronics SN250Q Datasheet HTML 73Page - STMicroelectronics SN250Q Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
Functional description—application modules
SN250
70/130
Serialized SC2 SPI transmit data is driven to the output pin MOSI. SC2 SPI master data is
received from the input pin MISO. To generate slave select signals to SPI slave devices,
other GPIO pins have to be used and their assertion must be controlled by software.
Characters transmitted and received are passed through transmit and receive FIFOs. The
transmit and receive FIFOs are 4 bytes deep. These FIFOs are accessed under software
control by accessing the SC2_DATA data register or under hardware control using a DMA
controller.
When a transmit character is written to the (empty) transmit FIFO, the register bit
SC_SPITXIDLE
in the SC2_SPISTAT register clears and indicates that not all characters
are transmitted yet. Further transmit characters can be written to the transmit FIFO until it is
full, which causes the register bit SC_SPITXFREE in the SC2_SPISTAT register to clear.
After shifting out one transmit character to the MOSI pin, space for one transmit character
becomes available in the transmit FIFO. This causes the register bit SC_SPITXFREE in the
SC2_SPISTAT
register to get set. After all characters are shifted out, the transmit FIFO
empties, which causes the register bit SC_SPITXIDLE in the SC2_SPISTAT register to get
set also.
Any character received is stored in the (empty) receive FIFO. The register bit
SC_SPIRXVAL
in the SC2_SPISTAT register is set to indicate that not all received
characters are read out from receive FIFO. If software or DMA is not reading from the
receive FIFO, the receive FIFO will store up to 4 characters. Any further reception is
Table 24.
SC2 SPI master mode formats
SC2_SPICFG
Frame Format
210
00
SC2-3M
mode
210
01
SC2-3M
mode
210
10
SC2-3M
mode
210
11
SC2-3M
mode
211
-
-
SC2-3M
mode
Same as above except LSB first instead of MSB first
21
-
-
-
SC2-4S
mode
Illegal
2
1
-
-
-
SC2-2 mode
Illegal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com