Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 95 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 91Page - STMicroelectronics SN250Q Datasheet HTML 92Page - STMicroelectronics SN250Q Datasheet HTML 93Page - STMicroelectronics SN250Q Datasheet HTML 94Page - STMicroelectronics SN250Q Datasheet HTML 95Page - STMicroelectronics SN250Q Datasheet HTML 96Page - STMicroelectronics SN250Q Datasheet HTML 97Page - STMicroelectronics SN250Q Datasheet HTML 98Page - STMicroelectronics SN250Q Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
SN250
Functional description—application modules
95/130
7.4.3
Timer functionality (output compare)
There are two output signals from each timer to generate application-specific waveforms.
These waveforms are generated or altered by comparison results with the timer count
value.
There are four comparison results:
●
Counter value reaches zero.
●
Counter value reaches threshold value of TMR1_TOP or TMR2_TOP register.
●
Counter value reaches comparison value of TMR1_CMPA or TMR2_CMPA register.
●
Counter value reaches comparison value of TMR1_CMPB or TMR2_CMPB register.
The output waveform generation from each timer is controlled with the register bits
(TMR_CMPMOD or inverted with TMR_CMPINV) in the TMR1_CMPCFGA, TMR1_CMPCFGB,
TMR2_CMPCFGA
, and TMR2_CMPCFGB registers. Table 31 summarizes the output waveform
generation modes.
The output signals TMR1OA and TMR1OB from Timer 1, and TMR2OA and TMR2OB from
Timer 2, are available on GPIO. For selecting alternate pin functions, refer to Table 17 and
Table 18.
Figure 14 and Figure 15 show examples of all timer output generation modes.
Table 31.
Output waveform settings
TMR_CMPMOD[3:0]
Output waveform generation mode
0
Disable alteration
1
Toggle on count = TOP
2
Set on count = TOP, clear on count = CMPA
3
Set on count = TOP, clear on count = CMPB
4
Set to 1
5
Set on count = CMPA, clear on count = TOP
6
Toggle on count = CMPA
7
Set on count = CMPA, clear on count = CMPB
8
Clear to 0
9
Set on count = CMPB, clear on count = TOP
10
Set on count = CMPB, clear on count = CMPA
11
Toggle on count = CMPB
12
Toggle on count = ZERO
13
Set on count = ZERO, clear on count = TOP
14
Set on count = ZERO, clear on count = CMPA
15
Set on count = ZERO, clear on count = CMPB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com