Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 1 Page - STMicroelectronics

  SN250Q Datasheet HTML 1Page - STMicroelectronics SN250Q Datasheet HTML 2Page - STMicroelectronics SN250Q Datasheet HTML 3Page - STMicroelectronics SN250Q Datasheet HTML 4Page - STMicroelectronics SN250Q Datasheet HTML 5Page - STMicroelectronics SN250Q Datasheet HTML 6Page - STMicroelectronics SN250Q Datasheet HTML 7Page - STMicroelectronics SN250Q Datasheet HTML 8Page - STMicroelectronics SN250Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2006
Rev 2.0
1/130
1
SN250
Single-chip ZigBeeTM/802.15.4 solution
Features
■ Integrated 2.4GHz, IEEE 802.15.4-compliant
transceiver:
– Robust RX filtering allows co-existence
with IEEE 802.11g and Bluetooth devices
–
− 97dBm RX sensitivity (1% PER, 20byte
packet)
– + 3dBm nominal output power
– Increased radio performance mode (boost
mode) gives
− 98dBm sensitivity and +
5dBm transmit power
– Integrated VCO and loop filter
■ Integrated IEEE 802.15.4 PHY and lower MAC
with DMA
■ Integrated hardware support for Packet Trace
Interface for InSight Development Environment
■ Provides integrated RC oscillator for low power
operation
■ Supports optional 32.768kHz crystal oscillator
for higher accuracy needs
■ 16-bit XAP2b microprocessor
■ Integrated memory:
– 128KB of Flash
– 5KB of SRAM
■ Configurable memory protection scheme
■ Two sleep modes:
– Processor idle
– Deep sleep—1.0
μA (1.5μA with optional
32.768kHz oscillator enabled)
■ Seventeen GPIO pins with alternate functions
■ Two Serial Controllers with DMA
–SC1: I2C master, SPI master, UART
–SC2: I2C master, SPI master/slave
■ Two 16-bit general-purpose timers; one 16-bit
sleep timer
■ Watchdog timer and power-on-reset circuitry
■ Non-intrusive debug interface (SIF)
■ Integrated AES encryption accelerator
■ Integrated ADC module first-order, sigma-delta
converter with 12-bit resolution
■ Integrated 1.8V voltage regulator
www.st.com


Similar Part No. - SN250Q

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
More results

Similar Description - SN250Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com