Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 74 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 70Page - STMicroelectronics SN250Q Datasheet HTML 71Page - STMicroelectronics SN250Q Datasheet HTML 72Page - STMicroelectronics SN250Q Datasheet HTML 73Page - STMicroelectronics SN250Q Datasheet HTML 74Page - STMicroelectronics SN250Q Datasheet HTML 75Page - STMicroelectronics SN250Q Datasheet HTML 76Page - STMicroelectronics SN250Q Datasheet HTML 77Page - STMicroelectronics SN250Q Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
Functional description—application modules
SN250
74/130
To generate interrupts to the CPU, the interrupt masks in the INT_SC2CFG and INT_CFG
register must be enabled.
7.3.2
I2C Master Mode
The SC2 I2C controller is only available in master mode. The SC2 I2C controller is enabled
with SC2_MODE set to 3. The I2C Master controller supports Standard (100 Kbps) and Fast
(400 Kbps) I2C modes. Address arbitration is not implemented, so multiple master
applications are not supported. The I2C signals are pure open-collector signals, and
external pull-up resistors are required.
The SC2 I2C mode has the following features:
●
Programmable clock frequency (400kHz max.)
●
7- and 10-bit addressing
The following signals can be made available on the GPIO pins:
●
SDA (serial data)
●
SCL (serial clock)
The I2C Master controller obtains its reference clock from a programmable clock generator.
Clock rates are set by a clock division ratio from the 24MHz clock:
EXP is written to the SC2_RATEEXP register and LIN to the SC2_RATELIN register.
Table 26 shows the rate settings for Standard I2C (100 Kbps) and Fast I2C (400 Kbps)
operation.
Note that, at 400 Kbps, the I2C specification requires the minimum low period of SCL to be
1.3µs. To be strictly I2C compliant, the rate needs to be lowered to 375 Kbps.
The I2C Master controller supports generation of various frame segments defined by the
register bits SC_I2CSTART, SC_I2CSTOP, SC_I2CSEND, and SC_I2CRECV within the
SC2_I2CCTRL1
register. Table 27 summarizes these frames.
Full I2C frames have to be constructed under software control by generating individual I2C
segments. All necessary segment transitions are shown in Figure 7. ACK or NACK
generation of an I2C receive frame segment is determined with the register bit SC_I2CACK
in the SC2_I2CCTRL2 register.
Generation of a 7-bit address is accomplished with one transmit segment. The upper 7 bits
of the transmitted character contain the 7-bit address. The remaining lower bit contains the
command type (“read” or “write”).
Generation of a 10-bit address is accomplished with two transmit segments. The upper 5
bits of the first transmit character must be set to 0x1E. The next 2 bits are for the 2 most
Table 26.
I2C nominal rate programming
Nominal Rate
SPPR
SPR
100 Kbps
14
3
375 Kbps
15
1
400 Kbps
14
1
Nominal Rate
24MHz
2LIN
1
+
() 2
EXP
⋅⋅
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com