Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 20 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 16Page - STMicroelectronics SN250Q Datasheet HTML 17Page - STMicroelectronics SN250Q Datasheet HTML 18Page - STMicroelectronics SN250Q Datasheet HTML 19Page - STMicroelectronics SN250Q Datasheet HTML 20Page - STMicroelectronics SN250Q Datasheet HTML 21Page - STMicroelectronics SN250Q Datasheet HTML 22Page - STMicroelectronics SN250Q Datasheet HTML 23Page - STMicroelectronics SN250Q Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
Functional description—system modules
SN250
20/130
6
Functional description—system modules
The SN250 contains a dual-thread mode of operation—System Mode and Application
Mode—to guarantee microcontroller bandwidth to the application developer and protect the
developer from errant software access.
During System Mode, all areas including the RF Transceiver, MAC, Packet Trace Interface,
Sleep Timer, Power Management Module, Watchdog Timer, and Power on Reset Module
are accessible.
Since the SN250 comes with a license to ZNet, a ZigBee-compliant software stack
developed by Ember Corporation, these areas are not available to the application developer
in Application Mode. The following brief description of these modules provides the
necessary background on the operation of the SN250. For more information, please contact
your nearest STMicroelectronics sales office.
6.1
Receive (RX) path
The SN250 RX path spans the analog and digital domains. The RX architecture is based on
a low-IF, super-heterodyne receiver. It utilizes differential signal paths to minimize noise
interference. The input RF signal is mixed down to the IF frequency of 4MHz by I and Q
mixers. The output of the mixers is filtered and combined prior to being sampled by a
12Msps ADC. The RX filtering within the RX path has been designed to optimize the co-
existence of the SN250 with other 2.4GHz transceivers, such as the IEEE 802.11g and
Bluetooth.
6.1.1
RX baseband
The SN250 RX baseband (within the digital domain) implements a coherent demodulator for
optimal performance. The baseband demodulates the O-QPSK signal at the chip level and
synchronizes with the IEEE 802.15.4-2003 preamble. Once a packet preamble is detected,
it de-spreads the demodulated data into 4-bit symbols. These symbols are buffered and
passed to the hardware-based MAC module for filtering.
In addition, the RX baseband provides the calibration and control interface to the analog RX
modules, including the LNA, RX Baseband Filter, and modulation modules. The ZNet
software includes calibration algorithms which use this interface to reduce the effects of
process and temperature variation.
6.1.2
RSSI and CCA
The SN250 calculates the RSSI over an 8-symbol period as well as at the end of a received
packet. It utilizes the RX gain settings and the output level of the ADC within its algorithm.
The SN250 RX baseband provides support for the IEEE 802.15.4-2003 required CCA
methods summarized in Table 10. Modes 1, 2, and 3 are defined by the 802.15.4-2003
standard; Mode 0 is a proprietary mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com