Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 9 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 5Page - STMicroelectronics SN250Q Datasheet HTML 6Page - STMicroelectronics SN250Q Datasheet HTML 7Page - STMicroelectronics SN250Q Datasheet HTML 8Page - STMicroelectronics SN250Q Datasheet HTML 9Page - STMicroelectronics SN250Q Datasheet HTML 10Page - STMicroelectronics SN250Q Datasheet HTML 11Page - STMicroelectronics SN250Q Datasheet HTML 12Page - STMicroelectronics SN250Q Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
SN250
Pin assignment
9/130
25
GPIO3
I/O
Digital I/O
(enable GPIO3 with GPIO_CFG[7:4])
nSSEL
I
SPI slave select of Serial Controller SC2
(enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
slave with SC2_SPICFG[4])
TMR1IB.1
I
Capture Input B of Timer 1
(enable CAP1-0 with GPIO_CFG[7:4])
26
GPIO4
I/O
Digital I/O
(enable GPIO4 with GPIO_CFG[12] and GPIO_CFG[8])
ADC0
Analog
ADC Input 0
(enable ADC0 with GPIO_CFG[12] and GPIO_CFG[8])
PTI_EN
O
Frame signal of Packet Trace Interface (PTI)
(enable PTI with GPIO_CFG[12])
27
GPIO5
I/O
Digital I/O
(enable GPIO5 with GPIO_CFG[12] and GPIO_CFG[9])
ADC1
Analog
ADC Input 1
(enable ADC1 with GPIO_CFG[12] and GPIO_CFG[9])
PTI_DATA
O
Data signal of Packet Trace Interface (PTI)
(enable PTI with GPIO_CFG[12])
28
VDD_PADS
Power
Pads supply (2.1–3.6V)
29
GPIO6
I/O
Digital I/O
(enable GPIO6 with GPIO_CFG[10])
ADC2
Analog
ADC Input 2
(enable ADC2 with GPIO_CFG[10])
TMR2CLK
I
External clock input of Timer 2
TMR1ENMSK
I
External enable mask of Timer 1
30
GPIO7
I/O
Digital I/O
(enable GPIO7 with GPIO_CFG[13] and GPIO_CFG[11])
ADC3
Analog
ADC Input 3
(enable ADC3 with GPIO_CFG[13] and GPIO_CFG[11])
REG_EN
O
External regulator open collector output
(enable REG_EN with GPIO_CFG[13])
31
GPIO8
I/O
Digital I/O
(enable GPIO8 with GPIO_CFG[14])
VREF_OUT
Analog
ADC reference output
(enable VREF_OUT with GPIO_CFG[14])
TMR1CLK
I
External clock input of Timer 1
TMR2ENMSK
I
External enable mask of Timer 2
IRQA
I
External interrupt source A
Table 1.
Pin descriptions (continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com