Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 31 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 27Page - STMicroelectronics SN250Q Datasheet HTML 28Page - STMicroelectronics SN250Q Datasheet HTML 29Page - STMicroelectronics SN250Q Datasheet HTML 30Page - STMicroelectronics SN250Q Datasheet HTML 31Page - STMicroelectronics SN250Q Datasheet HTML 32Page - STMicroelectronics SN250Q Datasheet HTML 33Page - STMicroelectronics SN250Q Datasheet HTML 34Page - STMicroelectronics SN250Q Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
SN250
Functional description—application modules
31/130
7
Functional description—application modules
In Application Mode, access to privileged areas are blocked while access to application-
specific modules such as GPIO, Serial Controllers (SC1 and SC2), General Purpose
Timers, ADC, and Event Manager are enabled.
7.1
GPIO
The SN250 has 17 multi-purpose GPIO pins that can be configured in a variety of ways. All
pins have the following programmable features:
●
Selectable as input, output, or bi-directional.
●
Output can be totem pole, used as open drain or open source output for wired-OR
applications.
●
Can have internal pull-up or pull-down.
The information flow between the GPIO pin and its source are controlled by separate GPIO
Data registers. The GPIO_INH and GPIO_INL registers report the input level of the GPIO
pins. The GPIO_DIRH and GPIO_DIRL registers enable the output signals for the GPIO
Pins. The GPIO_PUH and GPIO_PUL registers enable pull-up resistors while GPIO_PDH and
GPIO_PDL
registers enable pull-down resistors on the GPIO Pins. The GPIO_OUTH and
GPIO_OUTL
control the output level.
Instead of changing the entire contents to the OUT/DIR registers with one write access, a
limited change can be applied. Writing to the GPIO_SETH/L or GPIO_DIRSETH/L register
changes individual register bits from 0 to 1, while data bits that are already 1 are maintained.
Writing to the GPIO_CLRH/L or GPIO_DIRCLRH/L register changes individual register bits
from 1 to 0, while data bits that are already 0 are maintained.
Note that the value read from GPIO_OUTH/L, GPIO_SETH/L, and GPIO_CLRH/L registers
may not reflect the current pin state. To observe the pin state, the GPIO_INH/L registers
should be read.
All registers controlling the GPIO pin definitions are unaffected by power cycling the main
core voltage (VDD_CORE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com