Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 98 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 94Page - STMicroelectronics SN250Q Datasheet HTML 95Page - STMicroelectronics SN250Q Datasheet HTML 96Page - STMicroelectronics SN250Q Datasheet HTML 97Page - STMicroelectronics SN250Q Datasheet HTML 98Page - STMicroelectronics SN250Q Datasheet HTML 99Page - STMicroelectronics SN250Q Datasheet HTML 100Page - STMicroelectronics SN250Q Datasheet HTML 101Page - STMicroelectronics SN250Q Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
Functional description—application modules
SN250
98/130
7.4.6
Registers
TMR1_CFG [0x450C]
TMR1_CNT [0x4500]
15
0-R
14
0-R
13
0-R
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
0
0
0
TMR_EXTEN
TMR_EN
TMR_BIDIR
TMR_DOWN
TMR_1SHOT
TMR_PSCL
TMR_FILT
TMR_EDGE
TMR_CLK
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
TMR_EXTEN
[12]
Control bit for the external enable mask on a pin. When this bit is clear, do not check
status of the TMR1ENMSK pin. When this bit is set, check status of the TMR1ENMSK
pin.
TMR_EN
[11]
Set this bit to enable counting. To change other register bits, this bit must be cleared.
TMR_BIDIR
[10]
Set this bit to enable bi-directional alternation mode.
TMR_DOWN
[9]
Initial count direction after enabling the timer. Clear this bit to count up; set this bit to
count down.
TMR_1SHOT
[8]
Clear this bit for auto repetition mode. Set this bit for a single shot.
TMR_PSCL
[7:4]
Clock divider setting (N). The possible clock divisors are: 0
− 2N (N = 0..10).
TMR_FILT
[3]
Set this bit to enable clock source glitch filtering.
TMR_EDGE
[2]
Clock source edge selection. Clear this bit for rising edge; set this bit for falling edge.
TMR_CLK
[1:0]
Clock source selection: 0 = calibrated RC oscillator (default);1 = 32kHz; 2 = 12MHz;
3 = External (GPIO).
15
0-RW
14
0-RW
13
0-RW
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
TMR1_CNT
TMR1_CNT
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
TMR1_CNT
[15:0]
Current Timer 1 counter value. When read, returns the current timer counter. When
written, overwrites the timer counter and restarts wrap detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com