Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 97 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 93Page - STMicroelectronics SN250Q Datasheet HTML 94Page - STMicroelectronics SN250Q Datasheet HTML 95Page - STMicroelectronics SN250Q Datasheet HTML 96Page - STMicroelectronics SN250Q Datasheet HTML 97Page - STMicroelectronics SN250Q Datasheet HTML 98Page - STMicroelectronics SN250Q Datasheet HTML 99Page - STMicroelectronics SN250Q Datasheet HTML 100Page - STMicroelectronics SN250Q Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
SN250
Functional description—application modules
97/130
7.4.4
Timer functionality (input capture)
There are two capture registers that store the timer count value on a trigger condition from
GPIO signals. The timer trigger signals TMR1IA and TMR1IB for Timer 1, and TMR2IA and
TMR2IB for Timer 2 are provided by external signals routed to the GPIO pins.
These timer trigger signals are synchronized to the main 12MHz clock, passed to an
optional glitch filter, and followed by an edge detection circuitry.
These functions are controlled by software with the register bits TMR_CAPMOD[1:0], and
TMR_CAPFILT
in the TMR1_CAPCFGA, TMR1_CAPCFGB, TMR2_CAPCFGA, and
TMR2_CAPCFGB
registers.
All glitch filters consist of a flip-flop-driven, 4-bit shift register clocked with the main 12MHz
clock.
7.4.5
Timer interrupt sources
Each timer supports a number of interrupts sources:
●
On overflow during up-count from all 1s to zero.
●
On counter reaching output compare values stored in the TMR1_CMPA, TMR1_CMPB or
TMR2_CMPA
, and TMR2_CMPB registers.
●
On counter reaching zero, TMR1_TOP, or TMR2_TOP.
●
On capturing events from GPIO.
To generate interrupts to the CPU, the interrupt masks in the INT_TMRCFG and INT_CFG
registers must be enabled.
Table 32.
GPIO/Timer trigger conditioning
TMR_CAPMOD[1:0]
Detection Mode
0
Disabled
1
Rising Edge
2
Falling Edge
3
Either Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com