Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 23 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 19Page - STMicroelectronics SN250Q Datasheet HTML 20Page - STMicroelectronics SN250Q Datasheet HTML 21Page - STMicroelectronics SN250Q Datasheet HTML 22Page - STMicroelectronics SN250Q Datasheet HTML 23Page - STMicroelectronics SN250Q Datasheet HTML 24Page - STMicroelectronics SN250Q Datasheet HTML 25Page - STMicroelectronics SN250Q Datasheet HTML 26Page - STMicroelectronics SN250Q Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
SN250
Functional description—system modules
23/130
The XAP2b clock speed is 12MHz. When used with the ZNet stack, code is loaded into
Flash memory over the air or by a serial link using a built-in bootloader in a reserved area of
the Flash. Alternatively, code may be loaded via the SIF interface with the assistance of
RAM-based utility routines also loaded via SIF.
The XAP2b in the SN250 has also been enhanced to support two separate protection
levels. The ZNet stack runs in System Mode, which allows full, unrestricted access to all
areas of the chip, while application code runs in Application Mode. When running in
Application Mode, writing to certain areas of memory and registers is restricted to prevent
common software bugs from interfering with the operation of the ZNet stack. These errant
writes are captured and details are reported to the developer to assist in tracking down and
fixing these issues.
6.6
Embedded memory
As shown in Figure 3, the program side of the address space contains mappings to both
integrated Flash and RAM blocks.
Figure 3.
Program address space
The data side of the address space contains mappings to the same Flash and RAM blocks,
as well as registers and a separate Flash information area, as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com