Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 28 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 24Page - STMicroelectronics SN250Q Datasheet HTML 25Page - STMicroelectronics SN250Q Datasheet HTML 26Page - STMicroelectronics SN250Q Datasheet HTML 27Page - STMicroelectronics SN250Q Datasheet HTML 28Page - STMicroelectronics SN250Q Datasheet HTML 29Page - STMicroelectronics SN250Q Datasheet HTML 30Page - STMicroelectronics SN250Q Datasheet HTML 31Page - STMicroelectronics SN250Q Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
Functional description—system modules
SN250
28/130
6.10.3
Internal RC oscillator
The SN250 has a low-power, low-frequency RC oscillator that runs all the time. Its nominal
frequency is 10kHz.
The RC oscillator has a coarse analog trim control, which is first adjusted to get the
frequency as close to 10kHz as possible. This raw clock is used by the chip management
block. It is also divided down to 1kHz using a variable divider to allow software to accurately
calibrate it. This calibrated clock is available to the sleep timer.
Timekeeping accuracy depends on temperature fluctuations the chip is exposed to, power
supply impedance, and the calibration interval, but in general it will be better than 150ppm
(including crystal error of 40ppm).
Table 14 lists the specifications of the RC oscillator.
6.11
Random number generator
The SN250 allows for the generation of random numbers by exposing a randomly
generated bit from the RX ADC. Analog noise current is passed through the RX path,
sampled by the receive ADC, and stored in a register. The value contained in this register
could be used to seed a software-generated random number. The ZNet stack utilizes these
random numbers to seed the Random MAC Backoff and Encryption Key Generators.
6.12
Watchdog timer
The SN250 contains a watchdog timer clocked from the internal oscillator. The watchdog is
disabled by default, but can be enabled or disabled by software.
If the timer reaches its time-out value of approximately 2 seconds, it will generate a reset
signal to the chip.
When software is running properly, the application can periodically restart this timer to
prevent the reset signal from being generated.
The watchdog will generate a low watermark interrupt in advance of actually resetting the
chip. This low watermark interrupt occurs approximately 1.75 seconds after the timer has
been restarted. This interrupt can be used to assist during application debug.
Table 14.
RC Oscillator Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
10
kHz
Analog trim steps
1
kHz
Frequency variation with
supply
For a voltage drop from 3.6V
to 3.1V or 2.6V to 2.1V
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com