Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 12Page - STMicroelectronics SN250Q Datasheet HTML 13Page - STMicroelectronics SN250Q Datasheet HTML 14Page - STMicroelectronics SN250Q Datasheet HTML 15Page - STMicroelectronics SN250Q Datasheet HTML 16Page - STMicroelectronics SN250Q Datasheet HTML 17Page - STMicroelectronics SN250Q Datasheet HTML 18Page - STMicroelectronics SN250Q Datasheet HTML 19Page - STMicroelectronics SN250Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
Electrical characteristics
SN250
16/130
Table 6 contains the digital I/O specifications for the SN250. The digital I/O power (named
VDD_PADS) comes from three dedicated pins (Pins 17, 23, and 28). The voltage applied to
these pins sets the I/O voltage.
Radio transmitter, MAC, and
baseband
At max. TX power
(
+ 3dBm typical)
27.0
mA
At 0 dBm typical
24.3
mA
At min. TX power
(
− 32dBm typical)
19.5
mA
CPU, RAM, and Flash memory
At 25° C,
VDD_PADS = 3.0V
8.5
mA
Total TX current
( = IRadio transmitter, MAC and baseband,
CPU
+ IRAM, and Flash memory )
At 25° C and 1.8V
core; max. power out
35.5
mA
Table 6.
Digital I/O specifications
Parameter
Name
Min.
Typ.
Max.
Unit
Voltage supply
VDD_PAD
S
2.1
3.6
V
Input voltage for logic 0
VIL
0
0.2 x VDD_PADS
V
Input voltage for logic 1
VIH
0.8 x VDD_PADS
VDD_PADS
V
Input current for logic 0
IIL
− 0.5
μA
Input current for logic 1
IIH
0.5
μA
Input pull-up resistor value
RIPU
30
k
Ω
Input pull-down resistor
value
RIPD
30
k
Ω
Output voltage for logic 0
VOL
0
0.18 x VDD_PADS
V
Output voltage for logic 1
VOH
0.82 x VDD_PADS
VDD_PADS
V
Output source current
(standard current pad)
IOHS
4mA
Output sink current
(standard current pad)
IOLS
4mA
Output source current (high
current pad: GPIO[16:13])
IOHH
8mA
Output sink current (high
current pad: GPIO[16:13])
IOLH
8mA
Total output current (for I/O
Pads)
IOH + IOL
40
mA
Input voltage threshold for
OSC32A
0.2
0.8
∗ VDD_PADS
V
Table 5.
DC characteristics (continued)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com