Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 3Page - STMicroelectronics SN250Q Datasheet HTML 4Page - STMicroelectronics SN250Q Datasheet HTML 5Page - STMicroelectronics SN250Q Datasheet HTML 6Page - STMicroelectronics SN250Q Datasheet HTML 7Page - STMicroelectronics SN250Q Datasheet HTML 8Page - STMicroelectronics SN250Q Datasheet HTML 9Page - STMicroelectronics SN250Q Datasheet HTML 10Page - STMicroelectronics SN250Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
SN250
Pin assignment
7/130
Table 1.
Pin descriptions
Pin #
Signal
Direction
Description
1
VDD_24MHZ
Power
1.8V high-frequency oscillator supply
2
VDD_VCO
Power
1.8V VCO supply
3
RF_P
I/O
Differential (with RF_N) receiver input/transmitter output
4
RF_N
I/O
Differential (with RF_P) receiver input/transmitter output
5
VDD_RF
Power
1.8V RF supply (LNA and PA)
6
RF_TX_ALT_P
O
Differential (with RF_TX_ALT_N) transmitter output (optional)
7
RF_TX_ALT_N
O
Differential (with RF_TX_ALT_P) transmitter output (optional)
8
VDD_IF
Power
1.8V IF supply (mixers and filters)
9
BIAS_R
I
Bias setting resistor
10
VDD_PADSA
Power
Analog pad supply (1.8V)
11
TX_ACTIVE
O
Logic-level control for external RX/TX switch
12
VDD_PADSA
Power
Analog pad supply (1.8V)
13
nRESET
I
Active low chip reset (internal pull-up)
14
OSC32B
I/O
32.768kHz crystal oscillator or left open when using external clock on
OSC32A
15
OSC32A
I/O
32.768kHz crystal oscillator or digital clock input
16
VREG_OUT
Power
Regulator output (1.8V)
17
VDD_PADS
Power
Pads supply (2.1–3.6V)
18
VDD_CORE
Power
1.8V digital core supply
19
GPIO11
I/O
Digital I/O
(enable GPIO11 with GPIO_CFG[7:4])
nCTS
I
UART CTS handshake of Serial Controller SC1
(enable SC1-4A with GPIO_CFG[7:4], select UART with SC1_MODE)
MCLK
O
SPI master clock of Serial Controller SC1
(enable SC1-3M with GPIO_CFG[7:4], select SPI with SC1_MODE, enable
master with SC1_SPICFG[4])
TMR2IA.1
I
Capture Input A of Timer 2
(enable CAP2-0 with GPIO_CFG[7:4])
20
GPIO12
I/O
Digital I/O
(enable GPIO12 with GPIO_CFG[7:4])
nRTS
O
UART RTS handshake of Serial Controller SC1
(enable SC1-4A with GPIO_CFG[7:4], select UART with SC1_MODE)
TMR2IB.1
I
Capture Input B for Timer 2
(enable CAP2-0 with GPIO_CFG[7:4])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com