Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 72 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 68Page - STMicroelectronics SN250Q Datasheet HTML 69Page - STMicroelectronics SN250Q Datasheet HTML 70Page - STMicroelectronics SN250Q Datasheet HTML 71Page - STMicroelectronics SN250Q Datasheet HTML 72Page - STMicroelectronics SN250Q Datasheet HTML 73Page - STMicroelectronics SN250Q Datasheet HTML 74Page - STMicroelectronics SN250Q Datasheet HTML 75Page - STMicroelectronics SN250Q Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
Functional description—application modules
SN250
72/130
When the slave select (nSSEL) signal is asserted (by the Master), SC2 SPI transmit data is
driven to the output pin MISO and SC2 SPI data is received from the input pin MOSI. The
slave select signal nSSEL is used to enable driving the serialized data output signal MISO.
It is also used to reset the SC2 SPI slave shift register.
Characters received and transmitted are passed through receive and transmit FIFOs. The
transmit and receive FIFOs are 4 bytes deep. These FIFOs are accessed under software
control by accessing the SC2_DATA data register or under hardware control using a DMA
controller.
Any character received is stored in the (empty) receive FIFO. The register bit
SC_SPIRXVAL
in the SC2_SPISTAT register is set to indicate that not all received
characters are read out from receive FIFO. If software or DMA is not reading from the
receive FIFO, the receive FIFO will store up to 4 characters. Any further reception is
dropped, and the register bit SC_SPIRXOVF in the SC2_SPISTAT register is set. The RX
Table 25.
SC2 SPI slave formats
SC2_SPICFG
Frame Format
20000
SC2-4S
mode
20001
SC2-4S
mode
20010
SC2-4S
mode
20011
SC2-4S
mode
201
-
-
SC2-4S
mode
Same as above except LSB first instead of MSB first
20
-
-
-
SC2-
3M
mode
Illegal
20
-
-
-
SC2-2
mode
Illegal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com