Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 105 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 101Page - STMicroelectronics SN250Q Datasheet HTML 102Page - STMicroelectronics SN250Q Datasheet HTML 103Page - STMicroelectronics SN250Q Datasheet HTML 104Page - STMicroelectronics SN250Q Datasheet HTML 105Page - STMicroelectronics SN250Q Datasheet HTML 106Page - STMicroelectronics SN250Q Datasheet HTML 107Page - STMicroelectronics SN250Q Datasheet HTML 108Page - STMicroelectronics SN250Q Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
SN250
Functional description—application modules
105/130
TMR2_CAPCFGB [0x4594]
TMR2_CAPA [0x4582]
TMR2_CAPB [0x4584]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-RW
0
0
0
0
0
0
0
TMR_
CAPFILT
0
TMR_CAPMOD
0
0
0
0
0
0-R
7
0-RW
6
0-RW
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
TMR_CAPFILT
[8]
Set this bit to enable the input B filter.
TMR_CAPMOD
[6:5]
Input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
TMR2_CAPA
TMR2_CAPA
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
TMR2_CAPA
[15:0]
Timer 2 capture A value.

5

5

5

5

5

5

5

5
705B&$3%
705B&$3%
5

5

5

5

5

5

5

5

TMR2_CAPB
[15:0]
Timer 2 capture B value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com