Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 110 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 106Page - STMicroelectronics SN250Q Datasheet HTML 107Page - STMicroelectronics SN250Q Datasheet HTML 108Page - STMicroelectronics SN250Q Datasheet HTML 109Page - STMicroelectronics SN250Q Datasheet HTML 110Page - STMicroelectronics SN250Q Datasheet HTML 111Page - STMicroelectronics SN250Q Datasheet HTML 112Page - STMicroelectronics SN250Q Datasheet HTML 113Page - STMicroelectronics SN250Q Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
Functional description—application modules
SN250
110/130
Equation notes:
●
All N are 16-bit numbers.
●
NX is a sampling of the desired analog source.
●
NVSS is a sampling of ground. Due to the nature of the ADC’s internal design, ground
does not yield 0x0000 in the ADC_DATA register. Instead, ground yields a value closer
to 1/3 of the range — for example, 0x5200.
●
NVREF is a sampling of VREF. Due to the nature of the ADC’s internal design, VREF
does not yield 0xFFFF in the ADC_DATA register. Instead, VREF yields a value closer
to 2/3 of the range — for example, 0xA800.
●
NVDD is a sampling of the regulated supply, VDD/2.
●
<<16 indicates a bit shift left by 16 bits.
●
When calculating the voltage of VDD_PADS (ADC_SEL = 4), V = (1/4) * VDD_PADS
●
When calculating the voltage of VDD (ADC_SEL = 5), V = (1/2) * VDD
Table 36 lists the specifications for the ADC.
The signal-ended ADC measurements are limited in their range and only guaranteed for
accuracy in the range of 0 to VREF. The nature of the ADC’s internal design allows for
measurements outside of this range, but such measurements are not guaranteed and
instead act as a factor of safety. Maximum input voltage, VDD, can be treated as the failure
point. Measurement is not guaranteed at this level, and damage is possible above this level.
The maximum input voltage is of mor interest to the differential sampling where a differential
measurement might be small, but a common mode can push the actual input voltage on one
of the signals towards VDD.
Table 36.
ADC specifications
Parameter
Min.
Typ.
Max.
Unit
Conversion time
32
4096
μs
VREF
1.2
V
VREF output current
1
mA
VREF load capacitance
10
nF
Minimum input voltage
0
V
Maximum input voltage
VDD
V
Single-ended signal range
0
VREF
V
Differential signal range
- VREF
+ VREF
V
Common mode range
0
VREF
V
Input referred ADC offset
- 10
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com