Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 125 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 121Page - STMicroelectronics SN250Q Datasheet HTML 122Page - STMicroelectronics SN250Q Datasheet HTML 123Page - STMicroelectronics SN250Q Datasheet HTML 124Page - STMicroelectronics SN250Q Datasheet HTML 125Page - STMicroelectronics SN250Q Datasheet HTML 126Page - STMicroelectronics SN250Q Datasheet HTML 127Page - STMicroelectronics SN250Q Datasheet HTML 128Page - STMicroelectronics SN250Q Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 130 page
background image
SN250
Register address table
125/130
Block:
GPIO
4700–4728 General purpose IO control and data
Address
Name
Type
Reset
0x4700
GPIO_INH
R
0x0000
GPIO input data—upper bits
0x4702
GPIO_INL
R
0x0000
GPIO input data—lower bits
0x4704
GPIO_OUTH
RW
0x0000
GPIO output data—upper bits
0x4706
GPIO_OUTL
RW
0x0000
GPIO output data—lower bits
0x4708
GPIO_SETH
RW
0x0000
GPIO set output data—upper bits
0x470A
GPIO_SETL
W
0x0000
GPIO set output data—lower bits
0x470C
GPIO_CLRH
RW
0x0000
GPIO clear output data—upper bits
0x470E
GPIO_CLRL
W
0x0000
GPIO clear output data—lower bits
0x4710
GPIO_DBG
RW
0x0000
GPIO debug
0x4712
GPIO_CFG
RW
0x2000
GPIO config
0x4714
GPIO_DIRH
RW
0x0000
GPIO output enable—upper bits
0x4716
GPIO_DIRL
RW
0x0000
GPIO output enable—lower bits
0x4718
GPIO_DIRSETH
RW
0x0000
GPIO set enable—upper bits
0x471A
GPIO_DIRSETL
W
0x0000
GPIO set enable—lower bits
0x471C
GPIO_DIRCLRH
RW
0x0000
GPIO clear enable—upper bits
0x471E
GPIO_DIRCLRL
W
0x0000
GPIO clear enable—lower bits
0x4720
GPIO_PDH
RW
0x0000
GPIO pin pull-down enable—upper
bits
0x4722
GPIO_PDL
RW
0x0000
GPIO pin pull-down enable—lower
bits
0x4724
GPIO_PUH
RW
0x0000
GPIO pin pull-up enable—upper bits
0x4726
GPIO_PUL
RW
0x0000
GPIO pin pull-up enable—lower bits
0x4728
GPIO_WAKEL
RW
0x0000
GPIO wakeup monitor register
Block:
ADC
4900–4902 ADC control and status
Address
Name
Type
Reset
0x4900
ADC_DATA
R
0x0000
ADC data
0x4902
ADC_CFG
RW
0x0000
ADC config
Table 40.
Register address table (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com