Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 26Page - Analog Devices AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices AD9911/PCB Datasheet HTML 30Page - Analog Devices AD9911/PCB Datasheet HTML 31Page - Analog Devices AD9911/PCB Datasheet HTML 32Page - Analog Devices AD9911/PCB Datasheet HTML 33Page - Analog Devices AD9911/PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9911
Rev. 0 | Page 30 of 44
I/O PORT
OVERVIEW
The AD9911 I/O port offers multiple configurations to provide
significant flexibility. The I/O port includes an SPI-compatible
mode of operation. Flexibility is provided by four data
(SDIO_0:3) pins supporting four programmable modes of I/O
operation.
Three of the four data pins (SDIO_1:3) can be used for
functions other than I/O port operation. These pins may be set
to initiate a ramp-up or ramp-down (RU/RD) of the 10-bit
amplitude output scalar. One of these pins (SDIO_3) may be
used to provide the SYNC_I/O function.
The maximum speed of the I/O port SCLK is 200 MHz. The
maximum data throughput of 800 Mbps is achieved by using all
SDIO_0:3 pins.
There are four sets of addresses (0x03 to 0x18) that channel
enable bits can access to provide channel independence when
using the auxiliary DDS cores for either test-tone generation or
spur killing. See the Control Register Descriptions section for
further discussion of programming channels that are common
or independent from one another.
I/O operation of the AD9911 occurs at the register level, not the
byte level; the controller expects that all byte(s) contained in the
register address are accessed. The SYNC_I/O function can be
used to abort an I/O operation, thereby not allowing all bytes to
be accessed. This feature can be used to program only a part of
the addressed register. Note that only completed bytes are
stored.
There are two phases to a communications cycle. The first is the
instruction phase, which writes the instruction byte into the
AD9911. Each bit of the instruction byte is registered on each
corresponding rising edge of SCLK. The instruction byte
defines whether the upcoming data transfer is a write or read
operation and contains the serial address of the address register.
Phase 2 of the I/O cycle is of the data transfer (write/read)
between the I/O port controller and the I/O port buffer. The
number of bytes transferred during this phase of the communi-
cation cycle is a function of the register being accessed. The
actual number of additional SCLK rising edges required for the
data transfer and instruction byte depends on the number of
byte(s) in the register and the I/O mode of operation.
For example, when accessing Function Register 1, (FR1), which
is three bytes wide, Phase 2 of the I/O cycle requires that three
bytes are transferred. After transferring all data bytes per the
instruction byte, the communication cycle is complete.
Upon completion of a communication cycle, the AD9911 I/O
port controller expects the next set of rising SCLK edges to be
the instruction byte for the next communication cycle. Data
writes occur on the rising edge of SCLK. Data reads occur on
the falling edge of SCLK. See Figure 43 and Figure 44.
An I/O_UPDATE transfers data from the I/O port buffer to
active registers. The I/O_UPDATE can either be sent for each
communication cycle or when all I/O operations are complete.
Data remains inactive until an I/O_UPDATE is sent, with the
exception of the channel enable bits in the Channel Select
Register (CSR). These bits require no I/O_UPDATE to be
enabled.
tPRE
tDSU
tSCLK
tSCLKPWL
tSCLKPWH
tDHLD
CS
SCLK
SDIO
SYMBOL
DEFINITION
tPRE
CS SETUP TIME
tSCLK
PERIOD OF SERIAL DATA CLOCK
tSCLKPWH
SERIAL DATA SETUP TIME
tSCLKPWL
SERIAL DATA CLOCK PULSE WIDTH HIGH
tDHLD
SERIAL DATA CLOCK PULSE WIDTH LOW
tDSU
SERIAL DATA HOLD TIME
MIN
1.0ns
2.2ns
5.0ns
2.2ns
1.6ns
0ns
Figure 48. Set-Up and Hold Timing for the I/O Port
tDV
tDV
CS
SCLK
SDIO
SDO (SDIO_2)
SYMBOL
DEFINITION
MIN
DATA VALID TIME
12ns
Figure 49. Timing Diagram for Data Read for I/O Port
INSTRUCTION BYTE DESCRIPTION
The instruction byte contains the information displayed in
Table 22 where x = don’t care.
Table 22.
MSB
D6
D5
D4
D3
D2
D1
LSB
R/Wb
x
x
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com