Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 6Page - Analog Devices AD9911/PCB Datasheet HTML 7Page - Analog Devices AD9911/PCB Datasheet HTML 8Page - Analog Devices AD9911/PCB Datasheet HTML 9Page - Analog Devices AD9911/PCB Datasheet HTML 10Page - Analog Devices AD9911/PCB Datasheet HTML 11Page - Analog Devices AD9911/PCB Datasheet HTML 12Page - Analog Devices AD9911/PCB Datasheet HTML 13Page - Analog Devices AD9911/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9911
Rev. 0 | Page 10 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
SYNC_IN
2
SYNC_OUT
3
MASTER_RESET
4
PWR_DWN_CTL
5
AVDD
6
NC
7
AVDD
8
AVDD
9
AVDD
10
NC
11
AVDD
12
NC
13
AVDD
14
AVDD
35
IOUT
36
IOUT
37
AVDD
38
AGND
39
AVDD
40
P0
41
P1
42
P2
34
AGND
33
AVDD
32
NC
31
AVDD
30
AVDD
29
AVDD
TOP VIEW
(Not to Scale)
AD9911
NOTES
1. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS
AN ELECTRICAL CONNECTION AND MUST BE
SOLDERED TO GROUND.
2. PIN 49 IS DVDD_I/O AND IS TIED TO 3.3V.
Figure 6. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
SYNC_IN
I
Synchronizes Multiple AD9911 Devices. Connects to the SYNC_OUT pin of the master
AD9911 device.
2
SYNC_OUT
O
Synchronizes Multiple AD9911 Devices. Connects to the SYNC_IN pin of the slave
AD9911 device.
3
MASTER_RESET
I
Active High Reset Pin. Asserting this pin forces the internal registers to the default
state shown in the Register Map section.
4
PWR_DWN_CTL
I
External Power-Down Control. See the Power Down Functions section for details.
5, 7, 8, 9, 11, 13, 14,
15, 19, 21, 26, 29,
30, 31, 33, 37, 39
AVDD
I
Analog Power Supply Pins (1.8 V).
18, 20, 25, 34, 38
AGND
I
Analog Ground Pins.
45, 55
DVDD
I
Digital Power Supply Pins (1.8 V).
44, 56
DGND
I
Digital Power Ground Pins.
35
IOUT
O
Complementary DAC Output. Terminates into AVDD.
36
IOUT
O
True DAC Output. Terminates into AVDD.
17
DAC_RSET
I
Establishes the Reference Current for the DAC. A 1.91 kΩ resistor (nominal) is
connected from Pin 17 to AGND.
22
REF_CLK
I
Complementary Reference Clock/Oscillator Input. When the REF_CLK is operated in
single-ended mode, this pin should be decoupled to AVDD or AGND with a
0.1 μF capacitor.
23
REF_CLK
I
Reference Clock/Oscillator Input. When the REF_CLK operates in single-ended mode,
Pin 23 is the input. See the Modes of Operation section for the reference clock
configuration.
24
CLK_MODE_SEL
I
Control Pin for the Oscillator. CAUTION: Do not drive this pin beyond 1.8 V. When high
(1.8 V), the oscillator is enabled to accept a crystal as the REF_CLK source. When low,
the oscillator is bypassed.
27
LOOP_FILTER
I
Connects to the External Zero Compensation Network of the PLL Loop Filter. Typically,
the network consists of a 0 Ω resistor in series with a 680 pF capacitor tied to AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com