Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 11Page - Analog Devices AD9911/PCB Datasheet HTML 12Page - Analog Devices AD9911/PCB Datasheet HTML 13Page - Analog Devices AD9911/PCB Datasheet HTML 14Page - Analog Devices AD9911/PCB Datasheet HTML 15Page - Analog Devices AD9911/PCB Datasheet HTML 16Page - Analog Devices AD9911/PCB Datasheet HTML 17Page - Analog Devices AD9911/PCB Datasheet HTML 18Page - Analog Devices AD9911/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
AD9911
Rev. 0 | Page 15 of 44
0
–100
START 0Hz
STOP 250MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
25MHz/
1
1
2
3
Figure 25. SpurKiller Disabled and Three Spurs Identified
0
–100
START 0Hz
STOP 250MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
25MHz/
1
1
Figure 26. SpurKiller Enabled with Three Spurs Reduced (see Figure 25)
0
–100
CENTER 20MHz
SPAN 40MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
4MHz/
Figure 27. Three Auxiliary Channels Perform Two-Level FSK with Profile Pins.
The three carriers are set to 10 MHz, 20 MHz, and 30 MHz using all three
auxiliary channels.
–45
–65
1.5
2.1
POWER SUPPLY VOLTAGE (V)
–50
–55
–60
1.6
1.7
1.8
1.9
2.0
fOUT = 98.7MHz
fOUT = 143.7MHz
fOUT = 197.7MHz
Figure 28. SFDR vs. Supply Voltage (AVDD)
–40
–65
01
DAC OUTPUT CURRENT LEVEL (% of Fullscale)
.000
–45
–50
–55
–60
0.125
0.250
0.375
0.500
0.625
0.750
0.875
fOUT = 98.7MHz
fOUT = 143.7MHz
fOUT = 197.7MHz
Figure 29. SFDR vs. DAC Output Current
–50
–66
TEMPERATURE (°C)
–40
-20
0
20406080
–52
–54
–56
–58
–60
–62
–64
fOUT = 98.7MHz
fOUT = 143.7MHz
fOUT = 197.7MHz
Figure 30. SFDR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com