Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 16Page - Analog Devices AD9911/PCB Datasheet HTML 17Page - Analog Devices AD9911/PCB Datasheet HTML 18Page - Analog Devices AD9911/PCB Datasheet HTML 19Page - Analog Devices AD9911/PCB Datasheet HTML 20Page - Analog Devices AD9911/PCB Datasheet HTML 21Page - Analog Devices AD9911/PCB Datasheet HTML 22Page - Analog Devices AD9911/PCB Datasheet HTML 23Page - Analog Devices AD9911/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9911
Rev. 0 | Page 20 of 44
DATA
ALIGN
10-BIT DAC
DAC 1
COS(X)
DDS CORE 1
MUX
0
CFR <18:16>
CFR <18:16>
CFR <18:16>
10
10
10
10
10
10
10
COS(X)
DDS CORE 0
COS(X)
DDS CORE 2
COS(X)
DDS CORE 3
10
3
3
10
3
DATA
ALIGN
DATA
ALIGN
Figure 36. SpurKiller/Multitone Mode Configuration
TEST-TONE MODE
Test-tone mode enables sinusoidal amplitude modulation of the
carrier (CH1). Setting Bit 2 in Register 0x01 enables test-tone
mode. Auxiliary CH2 and CH3 should both be disabled using
the channel enable bits (CSR Bit <7>). The frequency of
modulation is set using the frequency tuning word
(Register 0x04 Bits <31:0>) of auxiliary CH0. Auxiliary CH0
output scalar (Register 0x06 Bits <0:9>) sets the magnitude of
the modulating signal. See Figure 37 for a diagram of the test-
tone mode configuration.
DAC 1
COS(X)
DDS CORE 1
10
10
14
10
10
COS(X)
DDS CORE 0
PHASE OFFSET
AMPLITUDE
Figure 37. Test-Tone Mode Configuration
REFERENCE CLOCK MODES
The AD9911 supports several methods for generating the
internal system clock. An on-chip oscillator circuit is available
for initiating the low frequency reference signal by connecting
a crystal to the clock input pins. The system clock can also be
generated using the internal, PLL-based reference clock
multiplier, allowing the part to operate with a low frequency
clock source while still providing a high sample rate for the
DDS and DAC. For best phase noise performance, a clean,
stable clock with a high slew rate is required.
Enabling the PLL allows multiplication of the reference clock
frequency from 4× to 20×, in integer steps. The PLL multiplica-
tion value is 5-bits located in the Function Register 1 (FR1) Bits
<22:18>. For further information, refer to the Register Map
section.
When FR1 <22:18> is programmed with values ranging from 4 to
20 (decimal), the clock multiplier is enabled. The integer value in
the register represents the multiplication factor. The system clock
rate with the clock multiplier enabled is equal to the reference clock
rate times the multiplication factor. If FR1 <22:18> is programmed
with a value less than 4 or greater than 20, the clock multiplier is
disabled. Note that the output frequency of the PLL has a restricted
frequency range. There is a VCO gain bit that must be set
appropriately. The VCO gain bit (FR1<23>) defines two ranges
(low/high) of frequency output. See the Register Map section for
configuration directions and defaults.
The charge pump current in the PLL defaults to 75 μA, which
typically produces the best phase noise characteristics.
Increasing charge pump current typically degrades phase noise,
but decreases the lock time and alters the loop bandwidth. The
charge pump control bits (FR1 <17:16>) function is described
in the Register Map section.
To enable the on-chip oscillator for crystal operation, drive
CLK_MODE_SEL (Pin 24) high. The CLKMODESEL pin is
considered an analog input, operating on 1.8 V logic. With the
on-chip oscillator enabled, connection of an external crystal to
the REF_CLK and REF_CLKB inputs is made producing a low
frequency reference clock. The crystal frequency must be in the
range of 20 MHz to 30 MHz. summarizes the clock mode
options. See the Register Maps section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com