Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 23Page - Analog Devices AD9911/PCB Datasheet HTML 24Page - Analog Devices AD9911/PCB Datasheet HTML 25Page - Analog Devices AD9911/PCB Datasheet HTML 26Page - Analog Devices AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices AD9911/PCB Datasheet HTML 30Page - Analog Devices AD9911/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9911
Rev. 0 | Page 27 of 44
SYNC_CLK
SYNC
CLOCK
DDS CORE
AMPLITUDE
MULTIPLIER ENABLE
ACR <12>
0
0
1
0
1
01
HOLD
INC/DEC EN
OUT
COS(X)
UP/DN
DATA
LOAD
EN
LINEAR SWEEP
ACCUMULATOR
PROFILE/SDIO_1:3
PINS
8
8-BIT BINARY
DOWN
COUNTER
10-BIT BINARY
UP/DOWN
COUNTER
INCREMENT/
DECREMENT
STEP SIZE
ACR <15:14>
TEST TONE
MODULATION
MUX
10
10
10
10
10
10
10
10
AMPLITUDE SCALE
FACTOR
REGISTER
(ACR) <0:9>
DAC
2
PROFILE REGISTERS
FOR
ASK MODULATION
MANUAL
RAMP UP/DOWN
(RU/RD)
AUTO RAMP
UP/DOWN
(RU/RD)
RAMP UP/DOWN
(RU/RD)
ENABLE
ACR <11>
LOAD ARR
TIMER
BIT ACR <10>
AMPLITUDE
RAMP RATE
REGISTER
(ACR BITS <23:16>)
Figure 46. Output Amplitude Control Configurations
Ramp Rate Timer
The ramp rate timer is a loadable 8-bit down counter. It
generates the clock signal to the 10-bit counter, which in turn
generates the internal scale factor. The formula for calculating
the amplitude ramp rate time is
( )
)
(
_
/
Hz
CLK
SYNC
x
t =
Δ
Where x is the decimal value in Register 00x06 Bits <23:16>.
At 500 MSPS operation (SYNC_CLK =125 MHz), the
minimum time interval between steps is 1/125 MHz × 1 = 8 ns.
The maximum time interval is (1/125 MHz) × 255 = 2.04 μs.
The ramp rate timer is loaded with the value of the ASF every
time the counter reaches 1 (decimal). This load and count down
operation continues for as long as the timer is enabled unless
the timer is forced to load before reaching a count of 1.
If the load ARR timer bit ACR <10> is set, the ramp rate timer
is loaded if any of the following three incidents transpire: an I/O
update occurs, a profile pin changes, or the timer reaches a
See through Table 13 through Table 18 for RU/RD pin
assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com