Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 4Page - Analog Devices AD9911/PCB Datasheet HTML 5Page - Analog Devices AD9911/PCB Datasheet HTML 6Page - Analog Devices AD9911/PCB Datasheet HTML 7Page - Analog Devices AD9911/PCB Datasheet HTML 8Page - Analog Devices AD9911/PCB Datasheet HTML 9Page - Analog Devices AD9911/PCB Datasheet HTML 10Page - Analog Devices AD9911/PCB Datasheet HTML 11Page - Analog Devices AD9911/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9911
Rev. 0 | Page 8 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DATA LATENCY (PIPELINE DELAY) SINGLE-
TONE MODE2, 3
Frequency, Phase, and Amplitude Words to
DAC Output with Matched Latency Enabled
29
SYSCLK
cycles
Frequency Word to DAC Output with
Matched Latency Disabled
29
SYSCLK
cycles
Phase Offset Word to DAC Output with
Matched Latency Disabled
25
SYSCLK
cycles
Amplitude Word to DAC Output with
Matched Latency Disabled
17
SYSCLK
cycles
DATA LATENCY (PIPELINE DELAY)
MODULATION MODE4
Frequency Word to DAC Output
34
SYSCLK
Cycles
Phase Offset Word to DAC Output
29
SYSCLK
Cycles
Amplitude Word to DAC Output
21
SYSCLK
Cycles
DATA LATENCY (PIPELINE DELAY) LINEAR
SWEEP MODE4
Frequency Rising/Falling Delta Tuning Word
to DAC Output
41
SYSCLK
Cycles
Phase Offset Rising/Falling Delta Tuning
Word to DAC Output
37
SYSCLK
Cycles
Amplitude Rising/Falling Delta Tuning Word
to DAC Output
29
SYSCLK
Cycles
1 For the VCO frequency range of 160 MHz to 255 MHz, the appropriate setting for the VCO gain bit is dependent upon supply, temperature and process. Therefore, in a
production environment this frequency band must be avoided.
2 Data latency is reference to the I/O_UPDATE pin.
3 Data latency is fixed and the units are system clock (SYSCLK) cycles
4 Data latency is referenced to a profile change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com