Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 20Page - Analog Devices AD9911/PCB Datasheet HTML 21Page - Analog Devices AD9911/PCB Datasheet HTML 22Page - Analog Devices AD9911/PCB Datasheet HTML 23Page - Analog Devices AD9911/PCB Datasheet HTML 24Page - Analog Devices AD9911/PCB Datasheet HTML 25Page - Analog Devices AD9911/PCB Datasheet HTML 26Page - Analog Devices AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9911
Rev. 0 | Page 24 of 44
0
MUX
1
PHASE SWEEP EN
PHASE
ACCUMULATOR
PHASE OFFSET
ADDER
CPW0
0
MUX
1
FREQ SWEEP EN
CTW0
AMP SWEEP EN
ACR
Z–1
COS(X)
RU/RD LOGIC
SWEEP FUNCTION LOGIC
DAC
32
15
10
01
MUX
Figure 41. Linear Sweep Capability
Setting the Rate of the Linear Sweep
The rate of the linear sweep is set by the intermediate step size
(delta-tuning word) between S0 and E0 (see Figure 42) and the
time spent (sweep ramp rate word) at each step. The resolution
of the delta-tuning word is 32 bits for frequency, 14 bits for
phase, and 10 bits for amplitude. The resolution for the delta
ramp rate word is 8 bits.
In linear sweep, the user programs a rising delta word (RDW,
Register 0x08) and a rising sweep ramp rate word (RSRR,
Register 0x07). These settings apply when sweeping from F0 to
E0. The falling delta word (FDW, Register 0x09) and falling
sweep ramp rate (FSRR, Register 0x07) apply when sweeping
from E0 to S0.
When programming, note that attention is required to prevent
overflow of the sweep. If the sweep accumulator is allowed to
overflow, an uncontrolled, continuous sweep operation occurs.
To avoid this, the magnitude of the rising or falling delta word
should be smaller than the difference between full scale and the
E0 value (full scale − E0). For a frequency sweep, full scale is
231−1. For a phase sweep, full scale is 214 −1. For an amplitude
sweep, full scale is 210−1.
The graph in Figure 42 displays a linear sweep up and then
down using a profile pin. Note that the no dwell bit is cleared. If
the no dwell bit (CFR<15>) is set, the sweep accumulator
returns to 0 upon reaching E0. For more information, see the
Linear Sweep No Dwell Mode section.
RDW
RSRR
FSRR
Δf,p,a
FDW
TIME
SO
EO
PROFILE PIN
Δf,p,a
Δt
Δt
Figure 42. Linear Sweep Mode
For a piecemeal or a nonlinear transition between S0 and E0,
the delta tuning words and ramp rate words can be repro-
grammed during the transition.
The formulae for calculating the step size of RDW or FDW are
CLK
SYNC
RDW
f
_
2
32
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Δ
(Hz)
°
×
⎟
⎠
⎞
⎜
⎝
⎛
=
360
2
14
RDW
ΔΦ
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Δ
10
2
RDW
a
DAC full-scale current
The formula for calculating delta time from RSRR or FSRR is
(
)
)
(
_
/
Hz
CLK
SYNC
RSRR
t =
Δ
At 500 MSPS operation (SYNC_CLK =125 MHz), the
minimum time interval between steps is 1/125 MHz × 1 = 8 ns.
The maximum time interval is (1/125 MHz) × 255 = 2.04 μs.
Frequency Linear Sweep Example
This section provides an example of a frequency linear sweep
followed by a description.
AFP CFR<23:22> =10, modulation level FR1<9:8> = 00, sweep
enable CFR<14> = 1, linear sweep no-dwell CFR<15> = 0.
In linear sweep mode, when the profile pin transitions from low
to high, the RDW is applied to the input of the sweep accumu-
lator and the RSRR register is loaded into the sweep rate timer.
The RDW accumulates at the rate given by the ramp rate
(RSRR) until the output equals the CTW1 register value. The
sweep is then complete and the output held constant in
frequency.
When the profile pin transitions from high to low, the FDW is
applied to the input of the sweep accumulator and the FSRR
register is loaded into the sweep rate timer.
The FDW accumulates at the rate given by the ramp rate
(FSRR) until the output equals the CTW0 register value. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com