Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9911/PCB Datasheet HTML 1Page - Analog Devices AD9911/PCB Datasheet HTML 2Page - Analog Devices AD9911/PCB Datasheet HTML 3Page - Analog Devices AD9911/PCB Datasheet HTML 4Page - Analog Devices AD9911/PCB Datasheet HTML 5Page - Analog Devices AD9911/PCB Datasheet HTML 6Page - Analog Devices AD9911/PCB Datasheet HTML 7Page - Analog Devices AD9911/PCB Datasheet HTML 8Page - Analog Devices AD9911/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9911
Rev. 0 | Page 5 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NARROWBAND SFDR
1.1 MHz Analog Output (±10 kHz)
−90
dBc
1.1 MHz Analog Output (±50 kHz)
−88
dBc
1.1 MHz Analog Output (±250 kHz)
−86
dBc
1.1 MHz Analog Output (±1 MHz)
−85
dBc
15.1 MHz Analog Output (±10 kHz)
−90
dBc
15.1 MHz Analog Output (±50 kHz)
−87
dBc
15.1 MHz Analog Output (±250 kHz)
−85
dBc
15.1 MHz Analog Output (±1 MHz)
−83
dBc
40.1 MHz Analog Output (±10 kHz)
−90
dBc
40.1 MHz Analog Output (±50 kHz)
−87
dBc
40.1 MHz Analog Output (±250 kHz)
−84
dBc
40.1 MHz Analog Output (±1 MHz)
−82
dBc
75.1 MHz Analog Output (±10 kHz)
−87
dBc
75.1 MHz Analog Output (±50 kHz)
−85
dBc
75.1 MHz Analog Output (±250 kHz)
−83
dBc
75.1 MHz Analog Output (±1 MHz)
−82
dBc
100.3 MHz Analog Output (±10 kHz)
−87
dBc
100.3 MHz Analog Output (±50 kHz)
−85
dBc
100.3 MHz Analog Output (±250 kHz)
−83
dBc
100.3 MHz Analog Output (±1 MHz)
−81
dBc
200.3 MHz Analog Output (±10 kHz)
−87
dBc
200.3 MHz Analog Output (±50 kHz)
−85
dBc
200.3 MHz Analog Output (±250 kHz)
−83
dBc
200.3 MHz Analog Output (±1 MHz)
−81
dBc
PHASE NOISE CHARACTERISTICS
Residual Phase Noise @ 15.1 MHz (fOUT)
1 kHz Offset
–150
dBc/Hz
10 kHz Offset
–159
dBc/Hz
100 kHz Offset
–165
dBc/Hz
1 MHz Offset
–165
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
1 kHz Offset
–142
dBc/Hz
10 kHz Offset
–151
dBc/Hz
100 kHz Offset
–160
dBc/Hz
1 MHz Offset
–162
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
1 kHz Offset
–135
dBc/Hz
10 kHz Offset
–146
dBc/Hz
100 kHz Offset
–154
dBc/Hz
1 MHz Offset
–157
dBc/Hz
Residual Phase Noise @ 100.3 MHz (fOUT)
1 kHz Offset
–134
dBc/Hz
10 kHz Offset
–144
dBc/Hz
100 kHz Offset
–152
dBc/Hz
1 MHz Offset
–154
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com